Electronic Components Datasheet Search
  English  ▼

X  

STAR250BK7 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # STAR250BK7
Description  250K Pixel Radiation Hard CMOS Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR250BK7 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button STAR250BK7 Datasheet HTML 16Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 17Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 18Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 19Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 20Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 21Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 22Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 23Page - Cypress Semiconductor STAR250BK7 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CYIS1SM0250-AA
Document Number: 38-05713 Rev. *B
Page 22 of 24
Soldering and Handling
Soldering and Handling Conditions
Take special care when soldering image sensors onto a circuit
board. Prolonged heating at elevated temperatures may result
in deterioration of the performance of the sensor. The following
recommendations
are
made
to
ensure
that
sensor
performance is not compromised during end users' assembly
processes.
Board Assembly
The STAR250 is very sensitive to ESD. Device placement onto
boards should be done in accordance with strict ESD controls
for Class 0, JESD22 Human Body Model, and Class A,
JESD22 Machine Model devices. Assembly operators need to
always
wear
all
designated
and
approved
grounding
equipment;
grounded
wrist
straps
at
ESD
protected
workstations are recommended including the use of ionized
blowers. All tools should be ESD protected.
Manual Soldering
When a soldering iron is used the following conditions should
be observed:
Use a soldering iron with temperature control at the tip. The
soldering iron tip temperature should not exceed 350°C.
The soldering period for each pin should be less than five
seconds.
Reflow Soldering
Reflow soldering is not allowed.
Precautions and Cleaning
Avoid spilling solder flux on the cover glass; bare glass and
particularly glass with antireflection filters may be harmed by
the flux. Avoid mechanical or particulate damage to the cover
glass.
Use isopropyl alcohol (IPA) as a solvent for cleaning the image
sensor glass lid. When using other solvents, it should be
confirm whether the solvent will dissolve the package and/or
the glass lid.
RoHS (lead free) Compliance
This paragraph reports the use of Hazardous chemical
substances as required by the RoHS Directive (excluding
packing material).
Information on Lead Free Soldering
The product cannot withstand a lead free soldering process.
Reflow or wave soldering is not allowed. Hand soldering only.
Solder 1 pin on each side of the sensor and let it cool down for
at least 1 minute before continuing
Note: "Intentional content" is defined as any material
demanding special attention is contained into the inquired
product by these cases:
1. A case that the above material is added as a chemical
composition into the inquired product intentionally in order
to produce and maintain the required performance and
function of the intended product
2. A case that the above material, which is used intentionally
in the manufacturing process, is contained in or adhered to
the inquired product.
The following case is not treated as "intentional content":
A case that the above material is contained as an impurity into
raw materials or parts of the intended product. The impurity is
defined as a substance that cannot be removed industrially, or
it is produced at a process like chemical composing or reaction
and it cannot be removed technically.
Table 18. Chemical Substances in STAR250 Sensor
Chemical Substance
Any intentional content
If there is any intentional content, in which portion
is it contained?
Lead
NO
-
Cadmium
NO
-
Mercury
NO
-
Hexavalent chromium
NO
-
PBB (Polybrominated biphenyls)
NO
-
PBDE (Polybrominated diphenyl ethers)
NO
-
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com