Electronic Components Datasheet Search
  English  ▼

X  

OPB856Z Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB856Z
Description  Wide Gap Optical Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB856Z Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB856Z Datasheet HTML 1Page - OPTEK Technologies OPB856Z Datasheet HTML 2Page - OPTEK Technologies OPB856Z Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1
01/06
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Wide Gap Optical Sensor
OPB856Z
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage & Operating Temperature Range
-40° C to +85° C
Input Diode (See OP165 for additional information)
Continuous Forward DC Current
40 mA
Reverse Voltage
2 V
Power Dissipation
(1)
100 mW
Output Phototransistor (See OP505 for additional information)
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(1)
100 mW
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
Notes:
(1)
Derate linearly 1.67 mW/°C above 25 ° C..
(2)
Distance between lenses along the optical axis is “d”.
(3)
All parameters tested using pulse technique.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP9999 for additional information)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor (See OP9999 for additional information)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
Combined
IC(ON)
On-State Collector Current
(3)
1.8
-
-
mA
VCE = 5 V, IF = 20 mA, d = 2”
( (50.8 mm)(2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com