Electronic Components Datasheet Search
  English  ▼

X  

OPB856Z Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB856Z
Description  Wide Gap Optical Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB856Z Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB856Z Datasheet HTML 1Page - OPTEK Technologies OPB856Z Datasheet HTML 2Page - OPTEK Technologies OPB856Z Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1
01/06
Page 3 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Wide Gap Optical Sensor
OPB856Z
Normalized Collector Current vs.
Distance between Emitter and Sensor
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Distance to Reflective Surface (inches)
5 mA
10 mA
20 mA
30 mA
40 mA
50 mA
Normalized at d = 2.0"
IF = 20mA
VCE = 5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com