Electronic Components Datasheet Search
  English  ▼

X  

PM7388 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7388
Description  Frame Engine and Datalink Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7388 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7388 Datasheet HTML 1Page - PMC-Sierra, Inc PM7388 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM7388
Preliminary
Frame Engine and Datalink Manager
FREEDM 336A1024
PMC-1991475 (p2)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
 Copyright PMC-Sierra, Inc. 2001
FEATURES
• Single-chip multi-channel packet
processor supporting line rate
throughput transfers of packet sizes
from 40 to 9.6 Kbytes, for up to an
aggregate of 336 T1s, 252 E1s, or 12
DS-3s.
• Provides simultaneous support of
PPP, Frame Relay, Multilink-PPP and
Multilink-Frame Relay protocols.
Alternative protocols supported via
HDLC termination and full packet store
of the data within the HDLC structure.
MULTILINK PPP AND FRAME
RELAY BUNDLES
• Capable of supporting fragment sizes
from 1 to 9.6 Kbytes.
• Support for 3 egress fragmentation
sizes (128, 256, and 512 bytes)
configurable on a per multilink bundle.
Optionally full packet transfers are
supported on a per bundle basis.
• Supports up to 168 multilink bundles
with up to 12 member links per bundle.
These bundles are composed of
independent HDLC channels.
• Support for up to 100 ms of intra
bundle skew in the receive direction
when supporting the minimum.
fragment size.
• Support for PPP header compression
as per RFC 1661.
PPP
• Support for 16 COS levels in
accordance with RFC 2686.
• Either 12 bit or 24 bit sequence
number, with short and long fragment
header formats, is supported.
• Link Control protocol packets are
identified by the PID as control
protocols and will be forwarded to the
Any-PHY interface.
FRAME RELAY
• Link layer address lookup can be
performed based on HDLC channel
and 10 bit DLCI for HDLC channels
supporting Frame Relay protocols.
• The lookup algorithm can support a
maximum of 16 K connection
identifiers (CIs) amongst multilink FR
bundles. The connection identifiers
are ignored in singlelink FR channels.
• Control frames are identified and
forwarded to Any-PHY interface.
• 12 bit sequence numbers supported.
• FECN, BECN, and DE ingress
processing as per FRF.12.
Rx ANY-PHY
I/F
(RAPI-12)
RXCLK
RVAL
RSX
RSOP
REOP
RMOD
RXDATA[15:0]
RXPRTY
RENB
RPA
RXADDR[3:0]
RERR
SRAM
Controller
(SRAMC)
CCDAT[35:0]
CCBSELB[1:0]
CCWEB
CCADD[17:0]
CCSELB
CB DRAM
Controller
(CB_DRAMC)
CBDAT[47:0]
CBRASB
CBWEB
CBADD[12:0]
CBCSB
CBCASB
CBBS[1:0]
Microprocessor I/F (BUMP2)
Tx
Fragment
Builder
(TFRAG)
Tx ANY-PHY
I/F (TAPI-12)
TXCLK
TEOP
TMOD
TERR
TRDY
TSX
TXPRTY
TXDATA[15:0]
TPA
TXADDR[15:0]
Egress
Queue
Manager
(EQM-12)
Ingress
Queue
Manager
(EQM-12)
Frame
Builder
(FRMBLD)
Rx
Fragment
Builder
(RFRAG)
RS DRAM
Controller
(RS_DRAMC)
Rx HDLC
Processor /
Partial Packet
Buffer
(RHDL-12)
Performance
Monitor
(PM-12)
Extract
SBI
(EXSBI-
336)
DC1FP
DV5
DPL
DDP
DDATA[7:0]
Tx HDLC
Processor /
Partial Packet
Buffer
(THDL-12)
Receive
Channel
Assigner
(RCAS-12)
JTAG
Insert
SBI
(INSBI-
336)
AJUST_REQ
AV5
APL
ADP
ADATA[7:0]
CIFPOUT
ACIFP
Transmit
Channel
Assigner
(TCAS-12)
REFCLK
Data
Control
DDLL-
140
BLOCK DIAGRAM


Similar Part No. - PM7388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7380 PMC-PM7380 Datasheet
2Mb / 2P
FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7380-PI PMC-PM7380-PI Datasheet
2Mb / 2P
FRAME ENGINE AND DATA LINK MANAGER 32P672
PM7381 PMC-PM7381 Datasheet
1Mb / 2P
32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
PM7381 PMC-PM7381 Datasheet
44Kb / 2P
Frame Engine and Data Link Manager
More results

Similar Description - PM7388

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7364 PMC-PM7364 Datasheet
39Kb / 2P
Frame Engine and Datalink Manager
PM7364 PMC-PM7364 Datasheet
2Mb / 325P
FRAME ENGINE AND DATA LINK MANAGER
PM7366 PMC-PM7366 Datasheet
2Mb / 286P
FRAME ENGINE AND DATA LINK MANAGER
PM7367 PMC-PM7367 Datasheet
2Mb / 323P
FRAME ENGINE AND DATA LINK MANAGER
PM7380 PMC-PM7380 Datasheet
48Kb / 2P
Frame Engine and Data Link Manager
PM7385 PMC-PM7385 Datasheet
48Kb / 4P
Frame Engine and Data Link Manager
PM7389 PMC-PM7389 Datasheet
59Kb / 2P
Frame Engine and Datalink Manager
PM7364-1 PMC-PM7364-1 Datasheet
41Kb / 2P
Frame Engine and Datalink Manager
PM7384-1 PMC-PM7384-1 Datasheet
33Kb / 2P
Frame Engine and Data Link Manager
PM7385-1 PMC-PM7385-1 Datasheet
37Kb / 2P
Frame Engine and Data Link Manager
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com