Electronic Components Datasheet Search
  English  ▼

X  

PM7388 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7388
Description  Frame Engine and Datalink Manager
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7388 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7388 Datasheet HTML 1Page - PMC-Sierra, Inc PM7388 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
Frame Engine and Datalink Manager
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-1991475 (p2)
 Copyright PMC-Sierra, Inc. 2001.
All rights reserved. August 2001.
Any-PHY, SPECTRA-2488, TEMUX-
84, FREEDM-336A1024,SBI, and
PMC-Sierra are trademarks of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Preliminary
PM7388 FREEDM 336A1024
HDLC
• Support for up to 1024 bidirectional
HDLC channels, with individual HDLC
channel speeds ranging from 56 Kbps
to 52 Mbps. In a channelized
application, the number of time-slots
assigned to an HDLC channel is
programmable from 1 to 24 (for T1/J1)
and from 1 to 31 (for E1).
• The 1024 HDLC channels can be
assigned to a mixture of physical links
via the 77 MHz SBI interface. The SBI
transports the equivalent of 12 STS-1
synchronous payload envelopes
(SPE). Each STS-1 SPE can be
individually configured to carry 28
T1/J1s, 21 E1s or 1 DS3.
• For each channel, supports
programmable flag sequence detection
and generation, bit stuffing and de-
stuffing, and validation and generation
of either CRC-CCITT or CRC-32 frame
check sequences.
• For each channel, the receiver checks
for packet abort sequences, octet
aligned packet length and for minimum
and maximum packet length.
INTERFACES
• 104 MHz, 8 bit Any-PHY Level 3 or 52
MHz Any-PHY Level 2 packet interface
for transfer of packet, frame or
fragment data using an external
controller. The interface is capable of
supporting full datagram transfer on a
per Any-PHY channel basis, or
fragmented packets or frames on a per
Any-PHY channel basis.
• A 77 MHz SBI bus supporting up to
336 links.
• 12 separate clock and data interfaces
to support 12 links of arbitrary data rate
up to 52 MHz (eg, DS3/E3). The
device can be configured to process
data from either the clock and data
interfaces or from the SBI on a per
clock-data-link/SPE basis.
• A 100 MHz, 48-bit SDRAM interface
for ingress and egress per
packet/fragment storage.
• A 100 MHz, 32-bit SDRAM interface
for ingress re-sequencing data.
structures.
• A 100 MHz, 36-bit SSRAM interface
for Ingress/Egress Context storage.
• Provides a standard 5 signal P1149.1
JTAG test port for boundary scan.
• A 32-bit microprocessor interface for
configuration and status monitoring.
TECHNOLOGIES
• 40 mm x 40 mm, 520 pin (1.27 mm
pitch) enhanced ball grid array (SBGA)
package.
• Low power 0.18 mm CMOS
technology using 1.8 V core power and
3.3 V I/O.
APPLICATIONS
• IETF PPP interfaces for routers.
• Frame Relay interfaces for ATM or
Frame Relay switches and
multiplexers.
• Internet/Intranet access equipment.
TYPICAL APPLICATION
PM5315
SPECTRA-
2488
SER
DES
PM8316
TEMUX-84
PM8316
TEMUX-84
PM8316
TEMUX-84
PM8316
TEMUX-84
PM7388
FREEDM-
336A1024
PM7388
FREEDM-
336A1024
PM7388
FREEDM-
336A1024
PM7388
FREEDM-
336A1024
TelecomBus
SBI
OC-48
OC-48 PORT CARD SOLUTION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com