Electronic Components Datasheet Search
  English  ▼

X  

OPB910 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB910
Description  Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB910 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB910 Datasheet HTML 1Page - OPTEK Technologies OPB910 Datasheet HTML 2Page - OPTEK Technologies OPB910 Datasheet HTML 3Page - OPTEK Technologies OPB910 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photologic
® Slotted Optical Switch
“Wide Gap” Series
OPB900 through OPB913 Series (L, W__Z)
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09/06
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
W5_Z= 26 AWG wire termination (24” [61cm] long)
Features:
• 0.375” (9.5 mm) wide gap
• Choice of logical output configurations
• Choice of opaque or IR transmissive housing material
• Choice of PCBoard or 26 AWG, UL rated wire
• Data rates to 250 kBaud
Description:
The OPB900 - OPB913 series of Photologic® Integrated Circuit Switches provide optimum flexibility for the design
engineer. Building from a standard housing with a 0.375” (9.5mm) wide slot, a user can specify the type and
polarity of the TTL output and the type of shell material.
Electrical output can be specified as either TTL Totem Pole (buffered) or TTL Open Collector, either of which can
be supplied with an inverted output polarity.
All versions have the added stability of hysteresis built into the amplification circuitry.
Product Photo Here
L Series
W Series
RoHS
Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication
• Edge sensing
• Object sensing
Part Number Guide — OPB900 Series (L, W)
OPB9_ _ _ _ _ _
0 = Dust protection with apertures
1 = Open apertured
0 = Totem Pole
1 = Open Collector
2 = Inverted Totem Pole
3 = Inverted Open Collector
Aperture sizes:
1 = 0.010” (0.25 mm)
5 = 0.050” (1.52 mm)
L55 = Solder lead termination (PCBoard mount)
Inverted Output Series
Open Collector Output
Totem Pole Output
Totem-Pole-Output
Open-Collector-Output
Inverted Totem-Pole
Inverted Open Collector


Similar Part No. - OPB910

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB910L OPTEK-OPB910L Datasheet
414Kb / 4P
Photologic Slotted Optical Switches Types OPB900L,OPB910L
logo
TT Electronics.
OPB910L55W51Z TTELEC-OPB910L55W51Z Datasheet
633Kb / 4P
Slotted Optical Switch Wide Gap Series
OPB910L55W55Z TTELEC-OPB910L55W55Z Datasheet
633Kb / 4P
Slotted Optical Switch Wide Gap Series
logo
OPTEK Technologies
OPB910W OPTEK-OPB910W Datasheet
421Kb / 4P
Photologic Slotted Optical Switches
Jan-2006
More results

Similar Description - OPB910

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB900W55 ETC2-OPB900W55 Datasheet
378Kb / 4P
Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series OPB900 through OPB913 Series (L, W__Z)
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
Photologic짰 Slotted Optical Switch
logo
TT Electronics.
OPB901L55 TTELEC-OPB901L55 Datasheet
633Kb / 4P
Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB901W55Z TTELEC-OPB901W55Z Datasheet
633Kb / 4P
Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB902W55Z TTELEC-OPB902W55Z Datasheet
633Kb / 4P
Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com