Electronic Components Datasheet Search
  English  ▼

X  

OPB910 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB910
Description  Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB910 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB910 Datasheet HTML 1Page - OPTEK Technologies OPB910 Datasheet HTML 2Page - OPTEK Technologies OPB910 Datasheet HTML 3Page - OPTEK Technologies OPB910 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photologic
® Slotted Optical Switch
“Wide Gap” Series
OPB900 through OPB913 Series (L, W__Z)
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09/06
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (TA = -40°C to + 70° Unless otherwise noted)
Storage Temperature
-40° C to +85° C
Operating Temperature
-40° C to +70° C
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)(1)
260° C
Input Infrared LED
DC Forward Diode (LED) Current
40 mA
DC Reverse Diode (LED) Voltage
2 V
Input Diode Power Dissipation(1)
100 mW
Output Photologic®
Supply Voltage, VCC (not to exceed 3 seconds)
10V
Voltage at Output Lead (Open Collector Output version)
35 V
Output Photologic® Power Dissipation(2)
200 mW
Total Device Power Dissipation(3)
300 mW
Notes:
(1) Derate linearly 2.22 mW/°C above 25°C
(2) Derate linearly 4.44 mW/°C above 25°C
(3) Derate linearly 6.66 mW/°C above 25°C
(4) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(5) Methanol or isopropanol are recommended as cleaning agents. The plastic housing is soluble in chlorinated hydrocarbons and
keytones.
Color-Pin #
Description
Color-Pin #
Description Color-Pin # Description
Color-Pin #
Description Color-Pin # Description
Red-1
Anode
Black-2
Cathode
White-3
VCC
Blue-4
Output
Green-5
Ground
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com