Electronic Components Datasheet Search
  English  ▼

X  

OPF673 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPF673
Description  Fiber Optic Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF673 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPF673 Datasheet HTML 1Page - OPTEK Technologies OPF673 Datasheet HTML 2Page - OPTEK Technologies OPF673 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A 08/06
Page 1 of 3
Fiber Optic Transmitter
OPF672 , OPF673 Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Description:
The OPF672 and OPF673 series fiber optic transmitters are high performance devices packaged for data
communication links. These transmitters are an 850 nm GaAlAs LED and are specifically designed to efficiently
launch optical power into either 50/125µm or 62.5/125µm diameter multimode fiber. Three power ranges with
upper and lower limits are offered, which allows the designer to select a device best suited for the application.
The OPF672 is offered a standard profile, metal ST receptacle and the OPF673 is offered in a low profile version.
These products combination of features including high speed and efficient coupled power makes it an ideal
transmitter for integration into all types of data communications equipment.
Features:
• Low cost 850 nm LED technology
• High thermal stability
• High optical coupling efficiency to multimode fiber
• Standard and low profile metal ST* style receptacles
• Industrial temperature range
RoHS
Ordering Information
Part Number
LED Peak
Wavelength
PT50 (dBm)
Min / Max
Tr, Tf (ns)
Typ / Max
OPF672-1; OPF673-1
850nm
-17.5/-15.2
8.0/10.0
OPF672-2; OPF673-2
850nm
-16.0/-13.0
8.0/10.0
OPF672-3; OPF673-3
850nm
-14.5/-11.5
8.0/10.0
Applications:
• Industrial Ethernet equipment
• Copper-to-fiber media conversion
• Intra-system fiber optic links
• Video surveillance systems
OPF672
OPF673


Similar Part No. - OPF673

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF673-1 TTELEC-OPF673-1 Datasheet
803Kb / 3P
Fiber Optic Transmitter
OPF673-2 TTELEC-OPF673-2 Datasheet
803Kb / 3P
Fiber Optic Transmitter
More results

Similar Description - OPF673

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
Fiber Optic Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com