Electronic Components Datasheet Search
  English  ▼

X  

OPF673 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF673
Description  Fiber Optic Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF673 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF673 Datasheet HTML 1Page - OPTEK Technologies OPF673 Datasheet HTML 2Page - OPTEK Technologies OPF673 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fiber Optic Transmitter
OPF672, OPF673 Series
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A 08/06
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical/Optical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-55° C to +100° C
Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature(1)
260° C
Continuous Forward Current(2)
100 mA
Maximum Reverse Voltage
1.0 V
Notes:
1.
Maximum of 5 seconds with soldering iron. Duration can be extended to 10 seconds when flow soldering. RMA flux is recommended.
2.
De-rate linearly at 1.0mA /
°C above 25°C .
3.
No Pre-bias.
4.
All Optek fiber optic LED products are subjected to 100% burn-in as part of its quality control process. The burn-in conditions are 96
hours at 100mA drive current and 25
°C ambient temperature.
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
PT50
Total Coupled Power,
50/125 µm Fiber,
NA = 0.20
OPF672-1, OPF673-1
-17.5
-15.2
dBm
IF = 100 mA
OPF672-2, OPF673-2
-16.0
-13.0
dBm
OPF672-3, OPF673-3
-14.5
-11.5
dBm
VF
Forward Voltage
1.5
2.1
V
IF = 100 mA
VR
Reverse Voltage
1.8
V
IR = 100 µA
λ
Wavelength
830
850
870
nm
IF = 50 mA
∆λ
Optical Bandwidth
35
nm
IF = 50 mA
tr,tf
Rise and Fall Time
8.0
10.0
ns
IF = 100 mA; 10% to 90%
(3)
PARAMETER
-40°C
80°C
Temperatures are Stepped in
20
°C increments.
0
20
40
60
80
100
0
0.2
1.2
0.4
0.6
0.8
1.0
1.4
Relative Coupled Power vs
Forward Current
Forward Current (mA)
-40°C
80°C
Temperatures are Stepped in
20
°C increments.
0
20
40
60
80
100
1.2
1.3
1.8
1.4
1.5
1.6
1.7
2.0
Typical Forward Voltage vs
Forward Current
Forward Current (mA)
1.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com