Electronic Components Datasheet Search
  English  ▼

X  

AD82241 Datasheet(PDF) 8 Page - Analog Devices

Part # AD82241
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD82241 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD82241 Datasheet HTML 2Page - Analog Devices AD82241 Datasheet HTML 3Page - Analog Devices AD82241 Datasheet HTML 4Page - Analog Devices AD82241 Datasheet HTML 5Page - Analog Devices AD82241 Datasheet HTML 6Page - Analog Devices AD82241 Datasheet HTML 7Page - Analog Devices AD82241 Datasheet HTML 8Page - Analog Devices AD82241 Datasheet HTML 9Page - Analog Devices AD82241 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AD8253
Preliminary Technical Data
Rev. prA | Page 8 of 10
THEORY OF OPERATION
10kΩ
10kΩ
10kΩ
10kΩ
REF
OUTPUT
A3
–IN
+IN
WR
2.2kΩ
2.2kΩ
+VS
+VS
–VS
–VS
+VS
–VS
+VS
–VS
A1
A0
2.2kΩ
DGND
A1
A2
DIGITAL
GAIN
CONTROL
2.2kΩ
+VS
–VS
+VS
–VS
+VS
–VS
+VS
–VS
Figure 5. Simplified Schematic
The AD8253 is a monolithic instrumentation amplifier based
on the classic, three op amp topology as shown in Figure 5.
It is fabricated on the Analog Devices, Inc. proprietary iCMOS
process that provides precision, linear performance ,and a robust
digital interface. A parallel interface allows users to digitally
program gains of 1, 10, 100, and 1000. Gain control is achieved
by switching resistors in an internal, precision, resistor array (as
shown in Figure 5). Although the AD8253 has a voltage feed-
back topology, gain bandwidth product increases for gains of 1,
10, and 100 because each gain has its own frequency
compensation. This results in maximum bandwidth at higher
gains.
All internal amplifiers employ distortion cancellation circuitry
and achieve high linearity and ultralow THD. Laser trimmed
resistors allow for a maximum gain error of less than 0.03% for
G = 1, and minimum CMRR of 120 dB for G = 1000. A pinout
optimized for high CMRR over frequency enables the AD8253
to offer CMRR over frequency of 80 dB at 50 kHz (G = 1). The
balanced input reduces the parasitics that, in the past, had
adversely affected CMRR performance.
GAIN SELECTION
This section shows users how to configure the AD8253 for basic
operation. Logic low and Logic high voltage limits are listed in
the Specifications section. Typically, logic low is 0 V and
logic high is 5 V; both voltages are measured with respect
to DGND. Refer to the specifications table (Table 2) for
the permissible voltage range of DGND. The gain of the
AD8253 can be set using two methods.
Transparent Gain Mode
The easiest way to set the gain is to program it directly via a
logic high or logic low voltage applied to A0 and A1. Figure 6
shows an example of this gain setting method, referred to through-
out the data sheet as transparent gain mode. Tie WR to the
negative supply to engage transparent gain mode. In this mode,
any change in voltage applied to A0 and A1 from logic low to
logic high, or vice versa, immediately results in a gain change.
Table 5 is the truth table for transparent gain mode and Figure 6
shows the AD8253 configured in transparent gain mode.
Figure 6. Transparent Gain Mode, A0 and A1 = High, G = 1000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com