Electronic Components Datasheet Search
  English  ▼

X  

AD82241 Datasheet(PDF) 9 Page - Analog Devices

Part # AD82241
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD82241 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD82241 Datasheet HTML 2Page - Analog Devices AD82241 Datasheet HTML 3Page - Analog Devices AD82241 Datasheet HTML 4Page - Analog Devices AD82241 Datasheet HTML 5Page - Analog Devices AD82241 Datasheet HTML 6Page - Analog Devices AD82241 Datasheet HTML 7Page - Analog Devices AD82241 Datasheet HTML 8Page - Analog Devices AD82241 Datasheet HTML 9Page - Analog Devices AD82241 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Technical Data
AD8253
Rev. prA | Page 9 of 10
Table 5. Truth Table Logic Levels for Transparent Gain Mode
WR
A1
A0
Gain
−VS
Low
Low
1
−VS
Low
High
10
−VS
High
Low
100
−VS
High
High
1000
Latched Gain Mode
Some applications have multiple programmable devices such as
multiplexers or other programmable gain instrumentation
amplifiers on the same PCB. In such cases, devices can share a
data bus. The gain of the AD8253 can be set using WR as a latch,
allowing other devices to share A0 and A1. Figure 7 shows a
schematic using this method, known as latched gain mode. The
AD8253 is in this mode when WR is held at logic high or logic
low, typically 5 V and 0 V, respectively. The voltages on A0 and
A1 are read on the downward edge of the WR signal as it
transitions from logic high to logic low. This latches in the logic
levels on A0 and A1, resulting in a gain change. See the truth
table listing in Table 6 for more on these gain changes.
Figure 7. Latched Gain Mode, G = 1000
Table 6. Truth Table Logic Levels for Latched Gain Mode
WR
A1
A0
Gain
High to Low
Low
Low
Change to 1
High to Low
Low
High
Change to 10
High to Low
High
Low
Change to 100
High to Low
High
High
Change to 1000
Low to Low
X1
X1
No Change
Low to High
X1
X1
No Change
High to High
X1
X1
No Change
1 X = don’t care.
Upon power-up, the AD8253 defaults to a gain of 1 when in
latched gain mode. In contrast, if the AD8253 is configured in
transparent gain mode, it starts at the gain indicated by the
voltage levels on A0 and A1 upon power-up.
Timing for Latched Gain Mode
In latched gain mode, logic levels at A0 and A1 have to be held
for a minimum setup time, tSU, before the downward edge of
WR latches in the gain. Similarly, they must be held for a
minimum hold time of tHD after the downward edge of WR to
ensure that the gain is latched in correctly. After tHD, A0 and A1
may change logic levels but the gain does not change (until the
next downward edge of WR). The minimum duration that WR
can be held high is t WR-HIGH, and t WR-LOW is the minimum
duration that WR can be held low. Digital timing specifications
are listed in Table 2. The time required for a gain change is
dominated by the settling time of the amplifier. A timing
diagram is shown in Figure 8.
When sharing a data bus with other devices, logic levels applied
to those devices can potentially feed through to the output of
the AD8253. Feedthrough can be minimized by decreasing the
edge rate of the logic signals. Furthermore, careful layout of the
PCB also reduces coupling between the digital and analog
portions of the board.
A0, A1
WR
tSU
tHD
tWR-HIGH
tWR-LOW
Figure 8. Timing Diagram for Latched Gain Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com