Electronic Components Datasheet Search
  English  ▼

X  

AD85551 Datasheet(PDF) 4 Page - Analog Devices

Part # AD85551
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD85551 Datasheet(HTML) 4 Page - Analog Devices

  AD85551 Datasheet HTML 1Page - Analog Devices AD85551 Datasheet HTML 2Page - Analog Devices AD85551 Datasheet HTML 3Page - Analog Devices AD85551 Datasheet HTML 4Page - Analog Devices AD85551 Datasheet HTML 5Page - Analog Devices AD85551 Datasheet HTML 6Page - Analog Devices AD85551 Datasheet HTML 7Page - Analog Devices AD85551 Datasheet HTML 8Page - Analog Devices AD85551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD8253
Preliminary Technical Data
Rev. prA | Page 4 of 10
Parameter
Conditions
Min
Typ
Max
Unit
Settling Time 0.001%
ΔOUT = 10 V step
G = 1
615
ns
G = 10
685
ns
G = 100
ns
G = 1000
ns
Slew Rate
G = 1
20
V/μs
G = 10
25
V/μs
G = 100
25
V/μs
G = 1000
25
V/μs
Total Harmonic Distortion
f = 1 kHz, RL = 10 kΩ, G = 1
dB
GAIN
Gain Range
G = 1, 10, 100, 1000
1
1000
V/V
Gain Error
OUT = ±10 V
G = 1
0.03
%
G = 10
0.04
%
G = 100
%
G = 1000
%
Gain Nonlinearity
OUT = −10 V to +10 V
G = 1
RL = 10 kΩ, 2 kΩ, 600 Ω
6
ppm
G = 10
RL = 10 kΩ, 2 kΩ, 600 Ω
10
ppm
G = 100
RL = 10 kΩ, 2 kΩ, 600 Ω
ppm
G = 1000
RL = 10 kΩ, 2 kΩ, 600 Ω
ppm
Gain vs. Temperature
All gains
10
ppm/°C
INPUT
Input Impedance
Differential
1
GΩ
||pF
Common Mode
1
GΩ
||pF
Input Operating Voltage Range
VS = ±5 V to ±15 V
−VS + 1.0
+VS − 1.1
V
Over Temperature
T = −40°C to +85°C
−VS + 1.1
+VS − 1.4
V
OUTPUT
Output Swing
−13.5
+13.5
V
Over Temperature
T = −40°C to +85°C
−13.5
+13.5
V
Short-Circuit Current
37
mA
REFERENCE INPUT
RIN
20
kΩ
IIN
+IN, −IN, REF = 0
1
μA
Voltage Range
−VS
+VS
V
Gain to Output
1 ± 0.0001
V/V
DIGITAL LOGIC
Digital Ground Voltage, DGND
Referred to GND
−VS + 4.25
0
+VS − 2.7
V
Digital Input Voltage Low
Referred to GND
DGND
2.1
V
Digital Input Voltage High
Referred to GND
2.8
+VS
V
Digital Input Current
1
μA
Gain Switching Time1
325
ns
tSU
See Figure 2 timing diagram
20
ns
tHD
10
ns
t WR -LOW
20
ns
t WR -HIGH
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com