Electronic Components Datasheet Search
  English  ▼

X  

AD85551 Datasheet(PDF) 7 Page - Analog Devices

Part # AD85551
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD85551 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD85551 Datasheet HTML 2Page - Analog Devices AD85551 Datasheet HTML 3Page - Analog Devices AD85551 Datasheet HTML 4Page - Analog Devices AD85551 Datasheet HTML 5Page - Analog Devices AD85551 Datasheet HTML 6Page - Analog Devices AD85551 Datasheet HTML 7Page - Analog Devices AD85551 Datasheet HTML 8Page - Analog Devices AD85551 Datasheet HTML 9Page - Analog Devices AD85551 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Technical Data
AD8253
Rev. prA | Page 7 of 10
PIN CONFIGURATION AND FUNCTION
DESCRIPTIONS
NC = NO CONNECT
AD8253
TOP VIEW
(Not to Scale)
-IN 1
DGND 2
-VS 3
A0 4
A1 5
+IN
VREF
+VS
VOUT
WR
10
9
8
7
6
Figure 4. 10-Lead MSOP (RM-10) Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Name
Description
1
−IN
Inverting Input Terminal. True
differential input.
2
DGND
Digital Ground.
3
−VS
Negative Supply Terminal.
4
A0
Gain Setting Pin (LSB).
5
A1
Gain Setting Pin (MSB).
6
WR
Write Enable.
7
OUT
Output Terminal.
8
+VS
Positive Supply Terminal.
9
REF
Reference Voltage Terminal.
10
+IN
Noninverting Input Terminal. True
differential input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com