Electronic Components Datasheet Search
  English  ▼

X  

PM8355 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM8355
Description  4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8355 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM8355 Datasheet HTML 1Page - PMC-Sierra, Inc PM8355 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM8355
Advance
4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
QuadPHY-II™
PMC-2000791 (A4)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2001
GENERAL DESCRIPTION
The QuadPHY-II is a physical layer
transceiver ideal for systems requiring
high speed point-to-point communi-
cation links. It is applicable for PMA-
PMD connections in 10 GE, Infiniband 1
or 4 x 2.5 Gbit/s links, 1 and 2 Gbit/s
Fibre Channel, as well as high speed
serial backplanes for high capacity
systems.
FEATURES
GENERAL
• 10Gbit/s, bi-directional, XAUI to XGMII
link supporting the proposed IEEE
802.3ae (the standard is draft and is
subject to change).
• Four independent 2.125, 2.5 and 3.125
Gbit/s Serdes for Fibre Channel,
Infiniband, 10 GE line cards and high-
speed backplane applications.
• Half/Full rate mode selectable per
channel.
• Integrated serializer/ deserializer, clock
synthesis, clock recovery and 8B/10B
encode/decode logic.
• Under 2 Watts typical power.
SERIAL I/O
• Redundant high speed serial I/O
channels for convenient switching to
redundant fabric.
• High speed outputs with optional pre-
emphasis to drive longer backplanes.
• High speed I/O with on-chip
termination resistors to directly drive
dual-terminated 50 Ohm lines.
PARALLEL I/O
• 10-bit Dual Data Rate (DDR) parallel
interface.
• Selectable source simultaneous or
source synchronous transmit and
receive parallel interfaces.
• Convenient output clock for user
friendly ASIC timing.
• Interoperates with SSTL2 and 1.8V
LVCMOS standard.
TRUNKING &TIMING
• Integrated Receive FIFO synchronizes
incoming data to local clock domain.
• Trunking feature de-skews and aligns
all four channels to form a single 10
Gbit/s logical link.
TEST FEATURES
• Extensive control of loopback, BIST,
and operating modes via 802.3
compliant MDC/MDIO serial interface.
• On-chip packet generator/checker-
provides at-speed diagnostics.
• Built-in error counters per channel.
• Support for IEEE 1149.1 JTAG testing
on all pins.
PHYSICAL
• 1.8V, 0.18 micron standard CMOS
technology with 2.5V tolerant I/O.
• 289-ball PBGA (19mm x 19mm
package).
APPLICATIONS
• High speed serial backplanes
•10 GE links
• Fibre Channel transceivers
• Infiniband transceivers
• XAUI retimers
• Intra-system interconnect
8B/10B Encoder
Serializer
Transmit Channel A (1 of 4)
FIFO & Trunking
Logic
10B/8B Decoder
Deserialize & Byte
Align
Clock Recovery
Receive Channel A (1 of 4)
Clock Synthesizer
Common Control Logic
RESET,
MDC, MDIO
Mode strapping pins
JTAG interface
BIST pins
TXD[9:0]
9 or 10
10
RXCLK
(per channel)
RXD[9:0]
8 or 10
9 or 10
TXCLK
(shared)
FIFO & /A/
insert
Adaptive
Sampler
SYSCLK
(1x or 2x rate)
TDOXP/
TDOXN
TDOYP/
TDOYN
RDIXP/
RDIXN
RDIYP/
RDIYN
(per channel)
(per channel)
(per channel)
(per channel)
2
2
2
2
BLOCK DIAGRAM


Similar Part No. - PM8355

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM8351 PMC-PM8351 Datasheet
111Kb / 2P
8-Channel 1.0-1.25 Gbps Transceiver
PM8353 PMC-PM8353 Datasheet
122Kb / 2P
4-Channel 1.0-1.25 Gbps Transceiver
More results

Similar Description - PM8355

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
Texas Instruments
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
NXP Semiconductors
TZA3015HW PHILIPS-TZA3015HW Datasheet
352Kb / 67P
30 Mbit/s to 3.2 Gbit/s A-rate 4-bit fibre optic transceiver
2003 Dec 16
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM5309 PMC-PM5309 Datasheet
65Kb / 2P
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Texas Instruments
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com