Electronic Components Datasheet Search
  English  ▼

X  

PM8355 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM8355
Description  4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8355 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM8355 Datasheet HTML 1Page - PMC-Sierra, Inc PM8355 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
PMC-2000791 (A4)
© Copyright PMC-Sierra, Inc. 2001. All
rights reserved. S/UNI is a registered
trademark of PMC-Sierra Inc. SPECTRA,
CHESS and QuadPHY-II are trademarks of
PMC-Sierra, Inc.
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
Advance
PM8355 QuadPHY-II™
All product documentation is available
on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
EXAMPLE ARCHITECTURE
The figure below shows a multi-service
switching platform using QuadPHY-II
devices for backplane interconnect and
client signal physical interfaces.
As a serial backplane transceiver, the
redundant high-speed links simplify the
interface to a working and protect fabric.
The 10GE line cards use the QuadPHY-
II as a PHY supporting XAUI on the line
side and mating to a 10GE MAC using
XGMII.
Infiniband and Fibre Channel line cards
applications are also shown. The half-
rate mode of the QuadPHY-II enables 1
and 2 Gbit/s support using the same
device.
The other applications shown are a XAUI
retimer and an XGMII extender where
the MAC and Optics module separated
by longer distance.
Optical
Tranceiver
1Gig
Fibre
Channel
Link
1Gig
Fibre
Channel
Link
TBI
Optical
Tranceiver
2 Gig
Fibre
Channel
Link
2 Gig
Fibre
Channel
Link
TBI
Serial 10 Gigabit Ethernet LAN Line Card
Custom ASIC
Upper Layer
Functions
MAC
10 GE
10Gig
Serial
LAN
XGMII
XAUI
Optical
Tranceiver
WDM 10 Gigabit Ethernet LAN Line Card
Custom ASIC
Upper Layer
Functions
MAC
10 GE
4x3.125
WDM
XGMII
XAUI
Optical
Tranceiver
Optical
Xceivers
Gigabit
Ethernet
Gigabit
Ethernet
GMII/TBI
Switch
Fabric
Device
Redundant
Switch
Fabric
Device
Switch Fabric Module
10 Gigabit Ethernet
LAN Line Card
XGMII
ASIC
or
FPGA
XAUI
EXTENDER
XAUI
Retimer
Optical
Tranceiver
10 GE
LAN
XAUI
•
•
•
•
•
•
•
•
•
Quad/
Octal
PHYs
Quad/
Octal
PHYs
•
•
•
nxGE
MACs
Upper Layer
Functions
ASIC / FPGA
FiberChannel MAC
+ Upper Layer
Functions
ASIC / FPGA
FiberChannel MAC
+ Upper Layer
Functions
Infiniband Line Card
4x2.5Gig
Fibre
Optical
Tranceiver
Infiniband ASIC
Upper Layer
Functions
MAC
XGMII
4 x 2.5Gig
•
•
•
1G Fibre Channel Card
1G / 2G Fibre Channel Card
Gigabit Ethernet Card
APPLICATION EXAMPLE - MULTI-SERVICE SWITCHING PLATFORM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com