Electronic Components Datasheet Search
  English  ▼

X  

SF400 Datasheet(PDF) 1 Page - ZKTECO CO., LTD. All rights reserved.

Part # SF400
Description  IP Based Fingerprint Access Control & Time Attendance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

SF400 Datasheet(HTML) 1 Page - ZKTECO CO., LTD. All rights reserved.

  SF400 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. SF400 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF400
IP Based Fingerprint
Access Control &
Time Attendance
SF400 is an IP based fingerprint terminal with both Network and Standalone
operation modes. It is connectible with ZKBio CVAccess software for access control
and time attendance management.
With Wiegand output, SF400 is flexible to connect with ZK or any 3rd party
controllers as a slave reader. Wiegand input configures two SF400 units to utilize
Master & Slave solution to enable users verification at both entrance and exit. Anti-
passback function is also enabled to maximize the security level.
Auxiliary input interface allows SF400 to connect with an extra source, for instance, a
smoke detector or emergency switch. Once the linkage function is enabled through
the machine menu, the device generates an alarm signal and
opens doors in case of emergency.
Feature
• 2.8-inch touch screen, color display with
graphical UI for easy operation
• Up to 24 user-defined schedules that can be
activated on a daily bell alert (optional)
• Prompt audio acceptance or rejection signals
for valid or invalid fingers
• Compact and lightweight, small size for
86mm (L) x 86mm (H) socket installation
• TCP/IP communication for various networking
environments
• Supports USB flash drive for offline
data management
• Built-in auxiliary input with enhanced flexibility to
link with wired detector or emergency switch
• Up to 15 multi-verification methods to
enhance security level
• Standard access control features such as Time zone,
Holiday, A&C Group, Unlock combination etc.
• Duress Alarm offers effective protection against
duress by threats
• Tamper proof switch and multiple alarm outputs
• Multi-languages display available on request


Similar Part No. - SF400

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF400 VANLONG-SF400 Datasheet
167Kb / 2P
400.00 MHz SAW Filter
logo
CUI Devices
SF400 CUID-SF400 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
SF400-101005 CUID-SF400-101005 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
SF400-151505 CUID-SF400-151505 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
SF400-153005 CUID-SF400-153005 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
More results

Similar Description - SF400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T60 STMICROELECTRONICS-M41T60 Datasheet
346Kb / 23P
Serial Access Real-Time Clock
13-Nov-2003
M41T00S STMICROELECTRONICS-M41T00S Datasheet
289Kb / 23P
Serial Access Real-Time Clock
10-Feb-2004
M41T60 STMICROELECTRONICS-M41T60_05 Datasheet
258Kb / 24P
Serial access real-time clock
06-Jul-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
Fast Read Access Time
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
Fast Read Access Time
logo
Mantra Softech India Pv...
BIONICFP9 MANTRA-BIONICFP9 Datasheet
1Mb / 4P
ENTERPRISE WIDE FACIAL RECOGNITION SYSTEM FACIAL TIME ATTENDANCE SYSTEM
MFSTAB-3G MANTRA-MFSTAB-3G Datasheet
431Kb / 2P
Integrated Biometric Time Attendance Device
MFSTAB-4G MANTRA-MFSTAB-4G Datasheet
430Kb / 2P
Integrated Biometric Time Attendance Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com