Electronic Components Datasheet Search
  English  ▼

X  

SF400 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # SF400
Description  IP Based Fingerprint Access Control & Time Attendance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

SF400 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  SF400 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. SF400 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Dimensions (mm)
Configuration
Wiegand
Alarm
PC
Emergency
Switch
Door Bell
Door Sensor
SF400
SF400
Bio CVAccess
105. 0 mm
Copyright © 2024 ZKTECO CO., LTD. All rights reserved.
ZKTECO CO.,LTD.
www.zkteco.com
E-mail: sales@zkteco.
com
V2.0 01/08/2024
Model SF400
LCD 2.8 inch resistive touch screen
Fingerprint Sensor ZK Optical Sensor (500DPI)
Algorithm Version ZKFinger V10.0
Communication TCP/IP, USB Host
Fingerprint Capacity 1,500
Card Capacity (Optional) 5,000 (EM/Mifare)
Records Capacity 80,000
Access Control Interface Electric lock, Door sensor, Alarm, Exit button, Door Bell
Wiegand Signal Wiegand input & output
Aux. Input 1ea for linkage function
Power Supply DC 12V/3A
Operating Temperature 0 ~ 45°C (32°~113°F)
Operating Humidity 20 ~ 80%
Dimension(L x W x H) 105 x 105 x 32mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com