Electronic Components Datasheet Search
  English  ▼

X  

MIC2132YML Datasheet(PDF) 26 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 26 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 22Page - Microchip Technology MIC2132YML Datasheet HTML 23Page - Microchip Technology MIC2132YML Datasheet HTML 24Page - Microchip Technology MIC2132YML Datasheet HTML 25Page - Microchip Technology MIC2132YML Datasheet HTML 26Page - Microchip Technology MIC2132YML Datasheet HTML 27Page - Microchip Technology MIC2132YML Datasheet HTML 28Page - Microchip Technology MIC2132YML Datasheet HTML 29Page - Microchip Technology MIC2132YML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
MIC2132
DS20006654B-page 26
 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 4-12:
EN Pin Sequencing.
When the EN pin voltage is below the lower EN thresh-
old, the MIC2132 goes into Shutdown mode. When in
Shutdown mode, the MIC2132 stops switching and all
internal control circuitry switches off to reduce the quies-
cent current. The EN pin, along with the PG pin, can be
used for sequencing multiple MIC2132 devices. It is
recommended to power up VIN before the EN signal.
4.5.9
ADAPTIVE VOLTAGE POSITIONING
(AVP), ALSO KNOWN AS DROOP
FUNCTION (RECOMMENDED FOR
CCM ONLY)
In some high-current applications, a requirement on a
precisely controlled output impedance is imposed. This
dependence of output voltage on load current is often
termed, “droop”, “load line” regulation, or Adaptive
Voltage Positioning (AVP).
The basic functionality of the AVP function is to achieve
a controlled output resistance for the buck regulator, so
that at 0A load, the output is +Ɛ% higher than the nom-
inal voltage and at maximum load, the output is -Ɛ%
related to the nominal output value, as shown in
Figure 4-13.
FIGURE 4-13:
AVP Ideal Output Resistive
Characteristic.
It is necessary to achieve the resistive characteristic
above over the full frequency range of output loads.
FIGURE 4-14:
VOUT Load Transient Error
without AVP/DROOP.
FIGURE 4-15:
VOUT Load Transient Error
with AVP/DROOP.
Figure 4-14 and Figure 4-15 explain how the AVP
design window of ±Ɛ can be used to reduce the amount
of the output capacitor necessary to sustain the load
transient. Alternatively, the AVP can be used to improve
the error of the load transient if it is decided to keep the
same output capacitor.
The DROOP pin is an analog output, which provides a
voltage proportional with the output current in CCM,
according to the formula in Equation 4-20.
EQUATION 4-20:
EN
PVDD/VDD
VDD UVLO
Bias ready
VOUT
5V
Bypass
VIN
VOUT
OUTPUT CURRENT (A)
0A
IOUT(MAX)
ΔVOUT = VOUT × 2ε
VOUT(DC)
VOUT(DC)
Where:
VCSH = Voltage at CSH Pin in CCM
RSENSE = Current Sensing Resistance
IL = Inductor Current per Phase
VDROOP = VCSH – 1.2V = 8 × RSENSE × IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com