Electronic Components Datasheet Search
  English  ▼

X  

MIC2132YML Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2132YML
Description  75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2132YML Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2132YML Datasheet HTML 11Page - Microchip Technology MIC2132YML Datasheet HTML 12Page - Microchip Technology MIC2132YML Datasheet HTML 13Page - Microchip Technology MIC2132YML Datasheet HTML 14Page - Microchip Technology MIC2132YML Datasheet HTML 15Page - Microchip Technology MIC2132YML Datasheet HTML 16Page - Microchip Technology MIC2132YML Datasheet HTML 17Page - Microchip Technology MIC2132YML Datasheet HTML 18Page - Microchip Technology MIC2132YML Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006654B-page 15
MIC2132
Note: Unless otherwise indicated, VIN =12V; VOUT =5V; fSW = 500 kHz/phase; L1 = L2 = L3 = L4 = 4.7 µH;
RILIM = 63.4 kΩ; HS-FETs = N-ch 80V 30A 24 mΩ; LS-FETs = N-ch 80V 46A 16 mΩ; VBST – VSW =5V; TA = +25°C.
FIGURE 2-31:
Output Short-Circuit
Protection and Recovery (VOUT = 5V).
FIGURE 2-32:
Output Short-Circuit
Protection and Recovery (VOUT = 12V).
FIGURE 2-33:
Current Limit per Phase.
FIGURE 2-34:
VIN Power-Up into 10A
Load.
IL1
10A/div
IL3
10A/div
VIN = 48V
VOUT Short to Ground
for 20 ms
4 ms/div
VOUT
2V/div
VOUT = 5V
4 ms/div
IL1
10A/div
IL3
10A/div
VOUT
5V/div
VIN = 48V
VOUT = 12V
VOUT Short to Ground
for 20 ms
4 ms/div
IL1
10A/div
IL3
10A/div
VOUT
5V/div
VIN = 48V
VOUT = 5V
10 ms/div
VIN
50V/div
VOUT
5V/div
IL1
5A/div
IL3
5A/div
VIN = 48V
VOUT = 5V
Load = 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com