Electronic Components Datasheet Search
  English  ▼

X  

TSD36C Datasheet(PDF) 1 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD36C Datasheet(HTML) 1 Page - Texas Instruments

  TSD36C Datasheet HTML 1Page - Texas Instruments TSD36C Datasheet HTML 2Page - Texas Instruments TSD36C Datasheet HTML 3Page - Texas Instruments TSD36C Datasheet HTML 4Page - Texas Instruments TSD36C Datasheet HTML 5Page - Texas Instruments TSD36C Datasheet HTML 6Page - Texas Instruments TSD36C Datasheet HTML 7Page - Texas Instruments TSD36C Datasheet HTML 8Page - Texas Instruments TSD36C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air gap discharge
• IEC 61000-4-5 surge protection:
– 6.5-30A (8/20µs)
• Low IO capacitance < 7pF (typical)
• Ultra low leakage current: 10nA (maximum)
• Industrial temperature range: –55°C to +150°C
• Industry standard SOD-323 leaded package
(2.65mm × 1.3mm)
2 Applications
• I/O Protection
• Power Line Protection
• USB VBUS
• Appliances
• Medical & Healthcare
• Retail Automation
3 Description
The TSDxxC are a family of bidirectional TVS
protection diodes designed for clamping harmful
transients such as ESD and surge. The TSDxxC
devices are rated to dissipate ESD strikes up to
±30kV (contact and air gap discharge) which exceeds
the maximum level specified in the IEC 61000-4-2
international standard (Level 4).
Combining the robust clamping performance and low
capacitance of these devices, TSDxxC are excellent
TVS diodes to protect both data lines and power lines
in many different applications.
The TSDxxC family is offered in the industry
standard, leaded SOD-323 package to enable easy
solderability.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TSDxxC
DYF (SOD-323, 2)
2.65mm × 1.3mm
(1)
For more information, see Section 9.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
IO
GND
Functional Block Diagram
TSD05C, TSD12C, TSD15C, TSD18C, TSD24C, TSD36C
SLVSH42C – JUNE 2023 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TSD36C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSD36C TI1-TSD36C Datasheet
675Kb / 12P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED JULY 2024
TSD36C TI-TSD36C Datasheet
909Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD36C TI2-TSD36C Datasheet
921Kb / 22P
TSDxxC Bidirectional TVS Diodes in SOD-323 Package
REVISED OCTOBER 2024
TSD36C TI2-TSD36C Datasheet
877Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
TSD36C-Q1 TI-TSD36C-Q1 Datasheet
908Kb / 23P
TSDxxC-Q1 Bidirectional TVS Diodes in SOD-323 Package for Automotive Applications
OCTOBER 2024
More results

Similar Description - TSD36C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386Z AVAGO-HSMP-386Z Datasheet
115Kb / 5P
General Purpose RF PIN Diodes In Surface Mount SOD-323 Package
logo
Protek Devices
GBLC PROTEC-GBLC Datasheet
498Kb / 7P
SOD-323 PACKAGE
GBLC03CIHP PROTEC-GBLC03CIHP Datasheet
445Kb / 7P
SOD-323 PACKAGE
PESD1LIN PROTEC-PESD1LIN_15 Datasheet
388Kb / 6P
SOD-323 PACKAGE
logo
Shanghai Semitech Semic...
GBLC03CI SEMITECH-GBLC03CI Datasheet
127Kb / 3P
Small SOD-323 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
logo
Foshan Blue Rocket Elec...
BAV19WS FOSHAN-BAV19WS Datasheet
1Mb / 6P
Silicon Diode in a SOD-323 Plastic Package
logo
Texas Instruments
TSD05C TI-TSD05C Datasheet
1Mb / 17P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
JUNE 2023
TSD05C TI1-TSD05C_V01 Datasheet
878Kb / 15P
TSD05C 5-V Bidirectional TVS Diode in SOD-323 Package
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com