Electronic Components Datasheet Search
  English  ▼

X  

TSD36C Datasheet(PDF) 19 Page - Texas Instruments

Part # TSD36C
Description  TSDxxC Bidirectional TVS Diodes in SOD-323 Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSD36C Datasheet(HTML) 19 Page - Texas Instruments

Back Button TSD36C Datasheet HTML 14Page - Texas Instruments TSD36C Datasheet HTML 15Page - Texas Instruments TSD36C Datasheet HTML 16Page - Texas Instruments TSD36C Datasheet HTML 17Page - Texas Instruments TSD36C Datasheet HTML 18Page - Texas Instruments TSD36C Datasheet HTML 19Page - Texas Instruments TSD36C Datasheet HTML 20Page - Texas Instruments TSD36C Datasheet HTML 21Page - Texas Instruments TSD36C Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.ti.com
PACKAGE OUTLINE
0.15
0.08
TYP
0.2
2.75
2.55
1 MAX
0.1
0.0
TYP
2X
0.35
0.25
1.8
1.6
1.4
1.2
0.40
0.25
TYP
0 -8 TYP
(0.475)
(0.85)
SOT(SOD-323) - 1 mm max height
DYF0002A
SMALL OUTLINE TRANSISTOR
4228484/A 02/2022
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
1 (-)
2 (+)
PIN 1 ID
GAGE PLANE
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com