Electronic Components Datasheet Search
  English  ▼

X  

SC800 Datasheet(PDF) 1 Page - ZKTECO CO., LTD. All rights reserved.

Part # SC800
Description  Design With Simplicity Multi-Tech Card Access Control Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

SC800 Datasheet(HTML) 1 Page - ZKTECO CO., LTD. All rights reserved.

  SC800 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. SC800 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SC800 is a Linux-based and waterproof RFID Access Control terminal that is designed for outdoor application. This terminal
adopts a metal midframe housing and a 2.5D tempered glass panel, supporting IP65 waterproof and IK04 vandal proof.
Besides, SC800 has a 2.4 inch color screen and a hidden touch keypad to enhance the touchless unlocking experience.
SC800 offers the Multi-tech RFID module that supports 125kHz and 13.56MHz card, support HID Prox and HID
iclass Multi-Tech RFID Module. In addition, SC800 supports Access Control push communication protocol and it is
compatible with ZKBio CVAccess software. This terminal also includes a Wiegand Input port to connect the external
proximity reader and can be act as controller’s external reader using a Wiegand Output port.
Features
· IP65 water and dust resistant, IK04 vandal proof
· Supports multiple RFID modules and up to 100+ card types (including, ID / IC / Felica / Legic / DESfire EV1 / EV2 / HID
Prox / HID iClass / etc.
· Support Access Control push conversion to Time Attendance push
· Communication: TCP/IP, Wi-FI (Optional), Wiegand in&out, RS485 (for RS485 readers), OSDP (Ver2.1.7), RS232 (for printer)
· Embedded web server for system configuration
· Fully complied with ZKCSBL (ZKTeco Cyber Security Base Line). Standard to provide advance protection
· Compatible with ZKBio CVAccess
Specifications
SC800
Design With Simplicity
Multi-Tech Card Access Control Terminal
IP65
IK04
Wiegand
RFID
RS485
TCP
/IP
WIFI
IP65
IK04
Display 2.4 inch TFT LCD Color Screen
Operation System Linux
Card Capacity 50,000 (Optional: 100,000)
Logs Capacity 200,000 (Optional: 1000,000)
User Password 6 Digits
RFID
Standard Module: ID Optional Multi-Tech Card Module:
Module 1 Support ID&IC& DESFire EV1/EV2;
Module 2 Support ID&IC& DESFire EV1/EV2&Feliac&Legic&HID Prox;
Module 3 Support ID&IC& DESFire EV1/EV2&Feliac&Legic&HID Prox&HID iclass;
Communication TCP / IP, Wiegand, RS485 (for RS485 readers), OSDP (Ver2.1.7), RS232 (only for printer), Wi-FI (Optional)
Wired Network 10 / 100 Mbps, Auto MDI/MDI-X
Bio CVAccess
Compatible with


Similar Part No. - SC800

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
celduc-relais
SC800010 CELDUC-SC800010 Datasheet
107Kb / 2P
Power Solid State Relay
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
3W audio power amplifier IC
logo
Infinite Electronics In...
SC8005 FAIRVIEW-SC8005 Datasheet
441Kb / 3P
SMA Female PCB Connector .062 inch End Launch Solder Attachment
REV 2.1
SC8006 FAIRVIEW-SC8006 Datasheet
499Kb / 3P
SMA Female PCB Connector .062 inch End Launch Solder Attachment
REV 2.0
More results

Similar Description - SC800

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
logo
Mitel Networks Corporat...
MT90210 MITEL-MT90210 Datasheet
133Kb / 27P
Multi-Rate Parallel Access Circuit
logo
International Rectifier
AN-1077 IRF-AN-1077 Datasheet
449Kb / 20P
PFC Converter Design with IR1150 One Cycle Control IC
logo
List of Unclassifed Man...
NLA-PM100D ETC2-NLA-PM100D Datasheet
145Kb / 2P
Multi-functions Power Monitoring and Control Terminal
logo
rfsolutions.ltd
RFID231C-SYS RFSOLUTIONS-RFID231C-SYS Datasheet
563Kb / 2P
RFID PROXIMITY ACCESS CONTROL
logo
Advantech Co., Ltd.
POC-125 ADVANTECH-POC-125 Datasheet
652Kb / 2P
12 Point-of-Care Terminal with Fanless Design
logo
Omron Electronics LLC
S8VS OMRON-S8VS_13 Datasheet
1Mb / 6P
Greater Simplicity for Power Supply Visualization
XW2Z-100J-A26 OMRON-XW2Z-100J-A26 Datasheet
339Kb / 8P
Cost-Effective Servo Capability with Stepper Simplicity
logo
List of Unclassifed Man...
AX102197 ETC2-AX102197 Datasheet
124Kb / 3P
Tamper-resistant key design ??prevents intruder access
WD1002 ETC1-WD1002 Datasheet
1Mb / 11P
Big-screen simplicity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com