Electronic Components Datasheet Search
  English  ▼

X  

SC800 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # SC800
Description  Design With Simplicity Multi-Tech Card Access Control Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

SC800 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  SC800 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. SC800 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Configuration
Dimensions(mm)
85mm
19.8mm
TCP/IP
RS485
AC PUSH
Door Bell
Alarm
Door Sensor
PC
KR602
Access Control Interface 3rd Party Electric Lock, Door Sensor, Exit Button, Alarm, Doorbell
Auxiliary Interface 1 AUX input
Indication Light Breathing light: White, Status light: Red / Green
Hardware 1GHz Dual Core CPU, DDR2 64M, Flash 256M
Data Protection AES-256 Encryption
Keypad Hidden Touch Keypad
Wiegand Signal Wiegand In / Out
Standard Functions
ID card, Web sever, Automatic Status Switch, Self-Service Query,
DST, 14 Digit User ID, Scheduled Bell, Anti-passback,
HTTPS, Protocol convert (AC push to TA push)
Optional Functions Wi-Fi, Multi-tech Card Module, Printer
Power Supply DC 12V 3A
Operating Temperature -10°C to 55°C (14°F to 131°F)
Storage Temperature -20°C to 60°C ( -4°F to 140°F)
Operating Humidity 10% to 90% RH
Dimensions (L*W*D) 143*85*19.8mm
Protocol A & C Push (default) / T&A Push
Supported Software ZKBio CVAccess
ZKTECO CO.,LTD.
V1.4 12/28/2023
Copyright © 2023 ZKTECO CO., LTD. All rights reserved.
www.zkteco.com
E-mail: sales@zkteco.com
Bio CVAccess



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com