Electronic Components Datasheet Search
  English  ▼

X  

NEX81802DA Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # NEX81802DA
Description  Adaptive Synchronous Rectifier (SR) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX81802DA Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  NEX81802DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Nexperia
NEX81801DA; NEX81802DA
Adaptive Synchronous Rectifier (SR) Controller
8.3. Recommended operating conditions
Table 6. Recommended operating conditions
Voltages are referenced to VS (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.3
13.0
V
GT
gate driver output
-0.3
10.0
V
VD
MOSFET drain voltage sense
-1.0
100
V
HV
HV linear regulator input
-1.0
100
V
RSET
turn-on detection
-0.3
5.0
V
TJ
operation junction temperature
-40
125
°C
8.4. Recommended components
Table 7. Recommended components
Nominal component values, not including derating factors.
Symbol Parameter
Min
Typical
Max
Unit
CVCC
capacitance on VCC
0.047
0.1
2.2
μF
CSET
capacitance on RSET
-
NC
-
nF
RSET
resistance on RSET
0
36
200
kΩ
8.5. Electrical characteristics
Table 8. Static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Supply management section
VCC_ON
VCC supply voltage
VCC supply voltage (turn-on)
4.0
4.5
5.0 V
VCC_OFF
VCC supply voltage (turn-off)
3.5
4.0
4.5 V
VCC_HYS
VCC_UVLO hysteresis
-
0.5
-
V
VCC = 7 V; HV = 20 V
-
70
-
mA
IVCC_CHG
VCC maximum charging
current
VCC = 4 V; VD = 30 V; HV = 0 V
-
40
-
mA
VD = 12 V; HV = 12 V
8
9
10 V
VCC_REG VCC regulation voltage
VD = 12 V; HV = 3 V
5.5
6
6.5 V
VCC = 9 V; CLOAD = 2.2 nF; Fsw = 100 kHz
-
2.3
3
mA
ICC
current consumption
VCC = 6 V; CLOAD = 2.2 nF; Fsw = 100 kHz
-
1.4
1.8 mA
ICC_UVLO
current consumption under
UVLO
VCC = UVLO - 0.1 V
-
40
60 μA
Control circuitry section
VREG1
1st step regulation voltage
(VDS)
-50
-35
-20 mV
VREG2
2nd step regulation voltage
(VDS)
-200 -150 -100 mV
Vth_ON
turn-on threshold (VDS)
VD falling
-200 -150
-80 mV
Vth_OFF
turn-off threshold (VDS)
VD rising
-12
-3
6
mV
td_ON
turn-on delay
CLOAD = 2.2 nF
-
35
-
ns
td_OFF
turn-off delay
CLOAD = 2.2 nF
-
20
-
ns
NEX81801_2DA
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
4 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com