Electronic Components Datasheet Search
  English  ▼

X  

NEX81802DA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # NEX81802DA
Description  Adaptive Synchronous Rectifier (SR) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

NEX81802DA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  NEX81802DA Datasheet HTML 1Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 2Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 3Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 4Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 5Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 6Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 7Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 8Page - Nexperia B.V. All rights reserved NEX81802DA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Nexperia
NEX81801DA; NEX81802DA
Adaptive Synchronous Rectifier (SR) Controller
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
NEX81801DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
NEX81802DA
-40 °C to +125 °C
TSOT23-6FC Plastic, surface-mounted package; 6 leads
SOT8061-1
5. Marking
Table 2. Marking code
Type number
Marking code
NEX81801DA
ND3
NEX81802DA
ND4
6. Device comparison
Table 3. Device comparison
Type number
Turn on blanking time (CSET not installed)
NEX81801DA
1.0 μs
NEX81802DA
0.5 μs
7. Pinning information
7.1. Pinning
DA package
SOT8061-1 (TSOT23-6)
1
2
3
6
5
4
HV
VS
RSET
VD
GT
VCC
aaa-039901
NEX81801_2DA
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 1 — 30 September 2024
2 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com