Electronic Components Datasheet Search
  English  ▼

X  

PM9315 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM9315
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9315 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM9315 Datasheet HTML 67Page - PMC-Sierra, Inc PM9315 Datasheet HTML 68Page - PMC-Sierra, Inc PM9315 Datasheet HTML 69Page - PMC-Sierra, Inc PM9315 Datasheet HTML 70Page - PMC-Sierra, Inc PM9315 Datasheet HTML 71Page - PMC-Sierra, Inc PM9315 Datasheet HTML 72Page - PMC-Sierra, Inc PM9315 Datasheet HTML 73Page - PMC-Sierra, Inc PM9315 Datasheet HTML 74Page - PMC-Sierra, Inc PM9315 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 343 page
background image
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
67
PMC-Sierra, Inc.
1.6.2
Use of Label and Type Fields
This section provides detail about the generic 14-bit labels and 4-bit types defined in Table 7, Table 8,
Table 9, and Table 10. In all cases, in multi-bit fields, the MSB is transmitted first. For each segment, the
“Type Field” and “Label Field” are encoded as follows:
Table 7.
Encoding of 4-bit Type Fields
Type[3:0]
Segment Type
Use
0000
Control Packet
Provides for inband control information between the
linecard and the switch core.
0001,...,0110
Reserved for future use
Currently not defined for use.
0111
TDM
TDM service provides preallocated bandwidth at a
regular time interval.
1000,...,1011
Unicast Best-Effort (Priority 0,1,2,3)
Prioritized unicast service where priority 0 is the
highest priority.
1100,...,1111
Multicast Best-Effort (Priority 0,1,2,3)
Prioritized multicast service where priority 0 is the
highest priority.
Table 8.
Usage of the Ingress Request Label_1
Segment Type
Type_1
Encoding of Request Label_1[13:0]
Control Packet
0000
Rsvda (13), CP-category (1). CP-category = 0 for LCS Control Packets;
CP-category = 1 for CPU Control Packets.
a. Reserved. All bits labeled Rsvd must be set to zero.
TDM
0111
MUX (2)b, Expansionc (2), TDM Tag (10)
b. The MUX[1:0] field is placed at the beginning of the Request Label_1 field in all segments (i.e. both data traffic and con-
trol packets). If this field is not used for a MUX function, it can be used as additional bits for expansion. If not used, it
must be set to zero.
c. TDM Expansion field used in products if the number of TDM slots is increased. If this field is used, the “TDM Tag” field
will increase contiguously. If not used, must be set to zero.
Unicast Best-Effort
(Priority 0,1,2,3)
10xx
MUX (2)b, Expansiond (5), Destination Port (5), Destination subporte (2)
d. Unicast Expansion field used in products if the number of ports is increased. If this field is used, the “Destination Port”
field will increase contiguously. If not used, must be set to zero.
e. If the port has no subports (i.e. if it is connected to a single linecard without multiplexing), this field must be set to zero.
Multicast Best-Effort
(Priority 0,1,2,3)
11xx
MUX (2)b, Multicast Tag (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com