Electronic Components Datasheet Search
  English  ▼

X  

PM9315 Datasheet(PDF) 13 Page - PMC-Sierra, Inc

Part # PM9315
Description  ENHANCED TT1??SWITCH FABRIC
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM9315 Datasheet(HTML) 13 Page - PMC-Sierra, Inc

Back Button PM9315 Datasheet HTML 9Page - PMC-Sierra, Inc PM9315 Datasheet HTML 10Page - PMC-Sierra, Inc PM9315 Datasheet HTML 11Page - PMC-Sierra, Inc PM9315 Datasheet HTML 12Page - PMC-Sierra, Inc PM9315 Datasheet HTML 13Page - PMC-Sierra, Inc PM9315 Datasheet HTML 14Page - PMC-Sierra, Inc PM9315 Datasheet HTML 15Page - PMC-Sierra, Inc PM9315 Datasheet HTML 16Page - PMC-Sierra, Inc PM9315 Datasheet HTML 17Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 343 page
background image
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
ix
PM9311/2/3/5 ETT1™ CHIP SET
PMC-2000164
ISSUE 3
ENHANCED TT1™ SWITCH FABRIC
Released
Data Sheet
PMC-Sierra, Inc.
Figure 83. AIB Test Loading . .... ... ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 315
Figure 84. Setup and Hold for 2.5V 200 Mbps PECL (CLK & SOC Signals) ... ... .... ... ... ... . 316
Figure 85. Clock Period andDuty Cycle for 2.5V 200 Mbps PECL (CLK Signal) ... .... ... ... ... . 316
Figure 86. Example NoiseIsolation Circuit ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 325
Figure 87. Example Voltage Divider .. ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 325
Figure 88. Voltage Ramp-up . .... ... ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 326
Figure 89. The Time Available tothe Linecard .... ... ... ... ... .... ... ... ... .... ... ... ... . 328
Figure 90. Cells are Striped Across the12 PhysicalLinks . ... ... .... ... ... ... .... ... ... ... . 329
Figure 91. The 10-bit Data Paths . ... ... ... .... ... ... ... ... .... ... ... ... .... ... ... ... . 330
Figure 92. Initial Sequence Expected at Port Card . . . . . . . . . . . . . .... ... ... ... .... ... ... ... . 331
Figure 93. Cells May Be Skewed Between Dataslices . ... ... ... .... ... ... ... .... ... ... ... . 335
Figure 94. The Idle Counter Can Delay anOutboundCell . ... ... .... ... ... ... .... ... ... ... . 337
Figure 95. The Idle Counter Can Delay anOutboundCell . ... ... .... ... ... ... .... ... ... ... . 337
Figure 96. One-deep Queue for Outbound Requests .. ... ... ... .... ... ... ... .... ... ... ... . 339



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com