Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI341ART Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ART
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ART Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI3HDMI341ART Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
PS8883
01/05/07
PI3HDMI341ART
3:1 Active HDMI 1.3 Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Truth Table
Control Pins
I/O Selected
Hot Plug Detect Status
S1
S2
S3
Y/Z
SCL_Sink
SDA_Sink
HPD1
HPD2
HPD3
H
x
x
A1/B1
SCL1
SDA1
HPD_Sink
L
L
L
H
x
A2/B2
SCL2
SDA2
L
HPD_Sink
L
L
L
H
A3/B3
SCL3
SDA3
L
L
HPD_Sink
L
L
L
None (Hi-Z)
None (Hi-Z)
L
L
L
OC Setting Value Logic Table
Input Control Pins
Setting Value
OC_S3
OC_S2
OC_S1
OC_S0
Vswing (mV)
Vos (V)
Pre-emphasis/De-emphasis (dB)
0
0
0
0
500
3.06
none
0
0
0
1
750
2.95
none
0
0
1
0
1000
2.84
none
0
0
1
1
500
3.02
none
0
1
0
0
500
3.06
0
0
1
0
1
500
3.05
1.5
0
1
1
0
500
2.97
3.5
0
1
1
1
500
2.9
6
1
0
0
0
500
3.08
0
1
0
0
1
340
3.08
-3.5
1
0
1
0
270
3.08
-6
1
0
1
1
160
3.08
-9.5
1
1
0
0
1000
2.85
0
1
1
0
1
830
2.85
-3.5
1
1
1
0
500
2.85
-6
1
1
1
1
330
2.85
-9.5
EQ Setting Value Logic Table
EQ_S1
EQ_S0
Setting Value
0
0
3dB on all high speed inputs
0
1
8dB on all high speed inputs
1
0
Optimized Equalization enabled on all high speed inputs (default value if both EQ_S0 and
EQ_S1 are left floating)
1
1
16dB on all high speed inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com