Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI341ART Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3HDMI341ART
Description  3:1 Active HDMI 1.3 Compatible Switch with Optimized Equalization for Enhanced Signal Integrity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI341ART Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3HDMI341ART Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3HDMI341ART Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PS8883
01/05/07
PI3HDMI341ART
3:1 Active HDMI 1.3 Compatible Switch with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Switching Characteristics (over recommended operating conditions unless otherwise noted)
Symbol
Parameter
Test Conditions
Min. Typ.(1) Max.
Units
TMDS Differential Pins (Y/Z)
tpd
Propagation delay
VCC = 3.3V, RT = 50-ohm,
pre-emphasis/de-emphasis = 0dB
2000
ps
tr
Differential output signal rise time
(20% - 80%)
75
240
tf
Differential output signal fall time
(20% - 80%)
75
240
tsk(p)
Pulse skew
7
50
tsk(D)
Intra-pair differential skew
23
50
tsk(o)
Inter-pair differential skew(2)
100
tjit(pp)
Peak-to-peak output jitter from Y/Z(1)
residual jitter
pre-emphasis/de-emphasis = 0dB,
Am/Bm = 1.65 Gbps HDMI data pat-
tern, m = 2 ,3, 4
A1/B1 = 165 MHz clock
15
30
tjit(pp)
Peak-to-peak output jitter from
Y/Z(2:4) residual jitter
18
50
tDE
De-emphasis duration
de-emphasis = -3.5dB, Am/Bm = 250
Mbps HDMI data pattern, m = 2, 3, 4
A1/B1 = 25 MHz clock
240
tSX
Select to switch output
6
10
ns
ten
Enable time
6
10
tdis
Disable time
6
10
DDC I/O Pins (SCL, SCL_SINK, SDA, SDA_SINK)
tpd(DDC)
Propagation delay from SCLn to
SCL_SINK or SDAn to SDA_SINK or
SDA_SINK to SDAn
CL = 10pF
0.4
2.5
ns
Control and Status Pins (OC_SX, EQ_SX, S, HPD_SINK, HPD)
tpd(HPD) Propagation delay (from HPD_SINK to
the active port of HPD)
CL = 10pF
2
6.0
ns
tsx(HPD) Switch time (from port select to the lat-
est valid status of HPD)
3
6.5
Notes:
1. All typical values are at 25
°C and with a 3.3V supply.
2.
tsk(o) is the magnitude of the difference in propagation delay times between any specified terminals of channel 2 to 4 of a device when inputs
are tied together.
Application Information
Supply Voltage
All VCC pins are recommended to have a 0.01uF capacitor tied from VCC to GND to filter supply noise
TMDS inputs
Standard TMDS terminations have already been integrated into Pericom’s PI3HDMI341ART device. Therefore, external termina-
tions are not required. Any unused port must be left floating and not tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com