Electronic Components Datasheet Search
  English  ▼

X  

B3D10120F Datasheet(PDF) 6 Page - BASIC SEMICONDUCTOR

Part # B3D10120F
Description  SiC Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B3D10120F Datasheet(HTML) 6 Page - BASIC SEMICONDUCTOR

  B3D10120F Datasheet HTML 1Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 2Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 3Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 4Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 5Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 6Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 7Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 8Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SiC Schottky Diode
6 / 8
www.basicsemi.com
Typical Performance
Typical reverse charge as function
of reverse voltage
Figure 9
B3D10120F
1E-5
1E-4
0.001
0.01
10
100
1000
110℃
TP (s)
25℃
Rev. 0.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com