Electronic Components Datasheet Search
  English  ▼

X  

B3D10120F Datasheet(PDF) 7 Page - BASIC SEMICONDUCTOR

Part # B3D10120F
Description  SiC Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B3D10120F Datasheet(HTML) 7 Page - BASIC SEMICONDUCTOR

  B3D10120F Datasheet HTML 1Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 2Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 3Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 4Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 5Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 6Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 7Page - BASIC SEMICONDUCTOR B3D10120F Datasheet HTML 8Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SiC Schottky Diode
7 / 8
www.basicsemi.com
Package Dimensions
D1
SYMBOL
MIN
NOM
MAX
mm
A
A1
7.65
-
A2
A3
b
b1
c
D4
E
e
H
H2
15.00
L
L4
θ
4.64
1.40
2.70
0.25
0.90
1.75
0.60
9.02
10.36
2.64
15.88
9°
4.24
1.15
2.30
0.00
0.70
1.20
0.40
8.82
6.82
9.96
2.44
14.61
1.26
1.78
0.15
1.36
2.32
1.46
2.79
0.35
0°
4.44
1.27
2.48
0.10
0.80
1.55
0.50
8.92
10.16
2.54
0.25
5°
e1
5.08
5.18
4.98
Recommended Solder Pad Layout
all units are in millimeters.
E
b1
b
A1
A
A2
A3
C
θ
L4
e1
e
B3D10120F
Rev. 0.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com