Electronic Components Datasheet Search
  English  ▼

X  

LV8019LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV8019LP
Description  Bi-CMOS IC Forward/Reverse Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8019LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV8019LP Datasheet HTML 1Page - Sanyo Semicon Device LV8019LP Datasheet HTML 2Page - Sanyo Semicon Device LV8019LP Datasheet HTML 3Page - Sanyo Semicon Device LV8019LP Datasheet HTML 4Page - Sanyo Semicon Device LV8019LP Datasheet HTML 5Page - Sanyo Semicon Device LV8019LP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
41807 MS PC 20070406-S00004 No.A0792-1/6
LV8019LP
Overview
The LV8019LP is a forward/reverse motor driver.
Features
• One H-bridge driver channel
• Provides a constant current output
• Built-in thermal shutdown circuit
Specifications
Maximum Ratings at Ta = 25
°C and SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Output block supply voltage
VM max
-0.5 to 8.4
V
Control block supply voltage
VCC max
-0.5 to 7.0
V
Constant current output block
supply voltage
VRG max
-0.5 to 6.0
V
IO max
1.0
A
IO peak1
t
≤ 200ms, f = 2Hz
3
A
Maximum output current
IO peak2
t
≤ 10ms, f = 2Hz
5
A
Input signal voltage
VIN max
-0.5 to VCC+0.5
A
Pd max1
Independent IC
0.2
W
Allowable power dissipation
Pd max2
When mounted on a circuit board *1
1.05
W
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* : Specified substrate : 40
×50×0.8mm3, glass epoxy four-layer (2S2P) board
Bi-CMOS IC
Forward/Reverse Motor Driver
Ordering number : ENA0792


Similar Part No. - LV8019LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8019LP SANYO-LV8019LP Datasheet
90Kb / 6P
Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019LP ONSEMI-LV8019LP Datasheet
81Kb / 6P
Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LV8019LP SANYO-LV8019LP_08 Datasheet
90Kb / 6P
Forward/Reverse Motor Driver
More results

Similar Description - LV8019LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8019V SANYO-LV8019V Datasheet
86Kb / 6P
Bi-CMOS IC Forward/Reverse Motor Driver
LV8401V SANYO-LV8401V Datasheet
76Kb / 6P
Bi-CMOS IC Forward/Reverse Motor Driver
LV8075LP SANYO-LV8075LP Datasheet
64Kb / 4P
Bi-CMOS LSI Constant-voltage Control 1-channel Forward/Reverse Motor Driver
LV8086T SANYO-LV8086T Datasheet
71Kb / 6P
Bi-CMOS LSI Forward/Reverse Motor Driver
LV8405V SANYO-LV8405V Datasheet
71Kb / 6P
Bi-CMOS IC 2ch Forward/Reverse Motor Driver
LV8760T SANYO-LV8760T Datasheet
118Kb / 10P
Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8761V SANYO-LV8761V Datasheet
127Kb / 12P
Bi-CMOS LSI Forward/Reverse H-bridge Driver
LV8401V SANYO-LV8401V_08 Datasheet
136Kb / 6P
Forward/Reverse Motor Driver
LV8417CS SANYO-LV8417CS Datasheet
210Kb / 5P
Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8019V-TLM-E ONSEMI-LV8019V-TLM-E Datasheet
84Kb / 6P
Forward/Reverse Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com