Electronic Components Datasheet Search
  English  ▼

X  

LV8019LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8019LP
Description  Bi-CMOS IC Forward/Reverse Motor Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8019LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8019LP Datasheet HTML 1Page - Sanyo Semicon Device LV8019LP Datasheet HTML 2Page - Sanyo Semicon Device LV8019LP Datasheet HTML 3Page - Sanyo Semicon Device LV8019LP Datasheet HTML 4Page - Sanyo Semicon Device LV8019LP Datasheet HTML 5Page - Sanyo Semicon Device LV8019LP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LV8019LP
No.A0792-2/6
Recommended Operating Conditions at Ta = 25
°C and SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Output block supply voltage
VM
3.0 to 7.4
V
Control block supply voltage
VCC
2.7 to 6.0
V
Constant current output block
supply voltage
VRGIN
1.5 to VCC
V
Input signal voltage
VIN
0 to VCC
V
Maximum input signal frequency
fmax
Duty = 50%
100
kHz
Electrical Characteristics Ta
= 25°C, VCC = VM = 5V, and SGND = PGND = 0V unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Standby mode output block
current consumption
IMO
EN = 0V, IN1 = IN2 = ICTRL = 0V
1.0
μA
Standby
mode
ICCO
EN = 0V, IN1 = IN2 = ICTRL = 0V
0
1.0
μA
Control block
current
consumption
Operation
mode
ICC
EN = 5V
0.8
1.3
mA
High-level input voltage
VINH
IN*
2.5
VCC
V
Low-level input voltage
VINL
IN*
0
0.8
V
High-level input current
IINH
IN*
1.0
μA
Low-level input current
IINL
IN*
-1.0
μA
High-level EN pin current
IENH
EN
15
25
35
μA
Low-level EN pin current
IENL
EN
1.0
μA
1
RON1
VM = 5V, sink + source
0.30
0.40
Ω
Output on
resistance
2
RON2
VM = 3V, sink + source
0.45
0.60
Ω
ISET setting resistance
RSET
Between ISET pin and SGND
80
Ω
ISET pin voltage
VISET
RSET > 80
Ω
0.90
1.05
1.20
V
CC pin output saturation voltage
VCSAT
RSET = 150
Ω *1
1.5
V
CC pin output leakage current
ICONL
CTRL = 0V
1.0
μA
Low voltage shutdown operation
voltage
VLVD
VCC pin voltage detection
2.10
2.35
2.60
V
High-level output turn-on time
TOH
The transition from 10% to 90% of the output
amplitude *2
0.1
1.0
μs
Low-level output turn-on time
TOL
The transition from 90% to 10% of the output
amplitude *2
0.2
2.0
μs
Thermal shutdown temperature
TSD
*2
150
180
°C
Thermal shutdown hysteresis
ΔTSD
*2
40
°C
*1 : Voltage between CC pin and ISET pin
*2 : Design guarantee: These characteristics are not measured.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com