Electronic Components Datasheet Search
  English  ▼

X  

1825762 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1825762
Description  MCV 1,5/12-G-3,81 P20 THRR72 - PCB header
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1825762 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1825762 Datasheet HTML 1Page - PHOENIX CONTACT 1825762 Datasheet HTML 2Page - PHOENIX CONTACT 1825762 Datasheet HTML 3Page - PHOENIX CONTACT 1825762 Datasheet HTML 4Page - PHOENIX CONTACT 1825762 Datasheet HTML 5Page - PHOENIX CONTACT 1825762 Datasheet HTML 6Page - PHOENIX CONTACT 1825762 Datasheet HTML 7Page - PHOENIX CONTACT 1825762 Datasheet HTML 8Page - PHOENIX CONTACT 1825762 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 12, number
of rows: 1, number of positions: 12, number of connections: 12, product range: MCV 1,5/..-G-
THR, pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5,
Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: 72 mm wide tape
Your advantages
Designed for integration into the SMT soldering process
•
Vertical connection enables multi-row arrangement on the PCB
•
Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
•
Commercial data
Item number
1825762
Packing unit
180 pc
Minimum order quantity
180 pc
Note
Made to order (non-returnable)
Product key
AABTBH
Catalog page
Page 211 (C-1-2013)
GTIN
4046356825269
Weight per piece (including packing)
6.09 g
Weight per piece (excluding packing)
2.416 g
Country of origin
DE
MCV 1,5/12-G-3,81 P20 THRR72 - PCB header
1825762
https://www.phoenixcontact.com/us/products/1825762
Oct 30, 2024, 5:45 AM
Page 1 (10)


Similar Part No. - 1825762

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825763 PHOENIX-1825763 Datasheet
84Kb / 5P
Base strip - ICV 2,5/ 9-GF-5,08
More results

Similar Description - 1825762

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803523 PHOENIX-1803523 Datasheet
147Kb / 5P
MCV 1,5/12-G-3,81
1712982 PHOENIX-1712982 Datasheet
111Kb / 4P
Base strip - MCV 1,5/12-G-3,81 P26 THRR72
1713444 PHOENIX-1713444 Datasheet
117Kb / 4P
Base strip - MCV 1,5/12-GF-3,81 P26 THRR72
1714003 PHOENIX-1714003 Datasheet
78Kb / 4P
Base strip - MCV 1,5/11-G-3,81 P26 THRR72
1828921 PHOENIX-1828921 Datasheet
103Kb / 4P
Base strip - MCV 1,5/16-G-3,81 P20 THR
1707463 PHOENIX-1707463 Datasheet
565Kb / 15P
PCB header - MCV 1,5/ 6-G-3,81 P26 THR
Nov 30, 2022
1707450 PHOENIX-1707450 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 5-G-3,81 P26 THR
Jan 3, 2023
1707502 PHOENIX-1707502 Datasheet
563Kb / 15P
PCB header - MCV 1,5/10-G-3,81 P26 THR
Jan 4, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1836396 PHOENIX-1836396 Datasheet
375Kb / 10P
PCB header - MCV 1,5/12-G-5,08
Jan 5, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com