Electronic Components Datasheet Search
  English  ▼

X  

1825762 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1825762
Description  MCV 1,5/12-G-3,81 P20 THRR72 - PCB header
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1825762 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1825762 Datasheet HTML 1Page - PHOENIX CONTACT 1825762 Datasheet HTML 2Page - PHOENIX CONTACT 1825762 Datasheet HTML 3Page - PHOENIX CONTACT 1825762 Datasheet HTML 4Page - PHOENIX CONTACT 1825762 Datasheet HTML 5Page - PHOENIX CONTACT 1825762 Datasheet HTML 6Page - PHOENIX CONTACT 1825762 Datasheet HTML 7Page - PHOENIX CONTACT 1825762 Datasheet HTML 8Page - PHOENIX CONTACT 1825762 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Technical data
Product properties
Product type
PCB headers
Product family
MCV 1,5/..-G-THR
Product line
COMBICON Connectors S
Type
Component suitable for through hole reflow
Number of positions
12
Pitch
3.81 mm
Number of connections
12
Number of rows
1
Number of potentials
12
Mounting flange
without
Pin layout
Linear pinning
Solder pins per potential
1
Data management status
Article revision
01
Electrical properties
Nominal current IN
8 A
Nominal voltage UN
160 V
Contact resistance
1.4 mΩ
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
250 V
Rated surge voltage (II/2)
2.5 kV
Mounting
Mounting type
THR soldering / wave soldering
Pin layout
Linear pinning
Processing notes
Process
Reflow/wave soldering
Moisture Sensitive Level
MSL 1
Classification temperature Tc
260 °C
Solder cycles in the reflow
3
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
MCV 1,5/12-G-3,81 P20 THRR72 - PCB header
1825762
https://www.phoenixcontact.com/us/products/1825762
Oct 30, 2024, 5:45 AM
Page 2 (10)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com