Electronic Components Datasheet Search
  English  ▼

X  

2EL2 Datasheet(PDF) 1 Page - Power Innovations Ltd

Part # 2EL2
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

2EL2 Datasheet(HTML) 1 Page - Power Innovations Ltd

  2EL2 Datasheet HTML 1Page - Power Innovations Ltd 2EL2 Datasheet HTML 2Page - Power Innovations Ltd 2EL2 Datasheet HTML 3Page - Power Innovations Ltd 2EL2 Datasheet HTML 4Page - Power Innovations Ltd 2EL2 Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2EL2, 2EL3, 2EL4
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PR O D UC T
I N FO R M A T IO N
1
AUGUST 1998
Copyright © 1998, Power Innovations Limited, UK
Information is current as of publication date. Products conform to specifications in accordance
with the terms of Power Innovations standard warranty. Production processing does not
necessarily include testing of all parameters.
Manufactured by TI using silicon designed and manufactured by Power Innovations, Bedford, UK.
TELECOMMUNICATION SYSTEM PRIMARY PROTECTION
device symbol
T
R
SD4XAA
Terminals T and R correspond to the
alternative line designators of A and B
T(A)
R(B)
CELL PACKAGE
(SIDE VIEW)
MD4XANA
q
Ion-Implanted Breakdown Region
Precise and Stable Voltage
Low Voltage Overshoot under Surge
q
Rated for International Surge Wave Shapes
q
Gas Discharge Tube (GDT) Replacement
DEVICE
V(BR)
MINIMUM
V
V(BO)
MINIMUM
V
V(BO)
MAXIMUM
V
2EL2
±245
±265
±400
2EL3
±200
±265
2EL4
±215
±265
DEVICE
ITU-T K28
(10/700)
GR-974-CORE
(10/1000)
ITSP
A
ITSP
A
2EL2
±125
±100
2EL3
±125
±100
2EL4
±125
±100
q
Planar Passivated Junctions in a Protected Cell Construction
Low Off-State Current
Extended Service Life
q
Soldered Copper Electrodes
High Current Capability
Cell Construction Short Circuits Under Excessive Current Conditions
description
These devices are primary protector components for semiconductor arrester assemblies intended to meet the
generic requirements of Bellcore GR-974-CORE (November 1994) or ITU-T Recommendation K28 (03/93).
To conform to the specified environmental requirements, the 2ELx must be installed in a housing which
maintains a stable microclimate during these tests (e.g. FIGURE I.1/K28).
The protector consists of a symmetrical voltage-triggered bidirectional thyristor. Overvoltages are initially
clipped by breakdown clamping until the voltage rises to the breakover level, which causes the device to
crowbar into a low-voltage on state. This low-voltage on state causes the current resulting from the
overvoltage to be safely diverted through the device. The high crowbar holding current prevents d.c. latchup
as the diverted current subsides. This 2ELx range consists of three voltage variants to meet various
maximum system voltage levels. They are guaranteed to voltage limit and withstand the listed international
lightning surges in both polarities.
These monolithic protection devices are constructed using two nickel plated copper electrodes soldered to
each side of the silicon chip. This packaging approach allows heat to be removed from both sides of the
silicon, resulting in the doubling of the devices thermal capacity, enabling a power line cross current capability
of 10 A rms for 1 second. One of the 2ELx’s copper electrodes is specially shaped to promote a progressive
shorting action (at 50/60 Hz currents greater than 60 A). The assembly must hold the 2ELx in compression,
so that the cell electrodes can be forced together during overstress testing. Under excessive power line cross
conditions the 2ELx will fail short circuit, providing maximum protection to the equipment.


Similar Part No. - 2EL2

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
2ELD2 LEADSHINE-2ELD2 Datasheet
684Kb / 7P
2ELD2 series DC Servo Drive
More results

Similar Description - 2EL2

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070H3BJ POINN-TISP4070H3BJ Datasheet
312Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4165H4BJ POINN-TISP4165H4BJ Datasheet
295Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXH3LM BOURNS-TISP4XXXH3LM Datasheet
444Kb / 16P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com