Electronic Components Datasheet Search
  English  ▼

X  

2EL2 Datasheet(PDF) 2 Page - Power Innovations Ltd

Part # 2EL2
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

2EL2 Datasheet(HTML) 2 Page - Power Innovations Ltd

  2EL2 Datasheet HTML 1Page - Power Innovations Ltd 2EL2 Datasheet HTML 2Page - Power Innovations Ltd 2EL2 Datasheet HTML 3Page - Power Innovations Ltd 2EL2 Datasheet HTML 4Page - Power Innovations Ltd 2EL2 Datasheet HTML 5Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2EL2, 2EL3, 2EL4
BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
2
AUGUST 1998
P R ODUCT
INF O RM A T I O N
absolute maximum ratings, TA = 25°C (unless otherwise noted)
RATING
SYMBOL
VALUE
UNIT
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
A
5/310 µs (ITU-T K28, 10/700 µs voltage wave shape)
2EL2
2EL3
2EL4
-20°C to 65°C
-20°C to 65°C
-20°C to 65°C
125
125
125
10/1000 µs (GR-974-CORE, 10/1000 µs voltage wave shape)
2EL2
2EL3
2EL4
-20°C to 65°C
-20°C to 65°C
-20°C to 65°C
100
100
100
Non-repetitive peak on-state current (see Note 1)
ITSM
10
10
10
A rms
full sine wave, 50/60 Hz, 1 s
2EL2
2EL3
2EL4
-40°C to 65°C
-20°C to 65°C
-40°C to 65°C
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-40 to +150
°C
NOTES: 1. The surge may be repeated after the device has returned to thermal equilibrium.
2. Most PTT’s quote an unloaded voltage waveform. In operation the 2ELx essentially shorts the generator output. The resulting
loaded current waveform is specified.
electrical characteristics for the T and R terminals, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)
Breakdown Voltage
I(BR) = ±20 mA, (see Note 3)
2EL2
-40°C to 65°C
±245
V
V(BO)
Breakover voltage
dv/dt = ±0.2 V/s,
RSOURCE > 200 Ω
2EL2
2EL3
2EL4
+15°C to 25°C
-40°C to 65°C
+15°C to 25°C
-20°C to 65°C
25°C
±265
±200
±215
±400
±265
±265
V
V(BO)
Impulse breakover
voltage
100 V/µs
≤ dv/dt ≤ ±1000 V/µs,
di/dt
≤ 10 A/µs
2EL2
2EL3
2EL4
-20°C to 65°C
-20°C to 65°C
-20°C to 65°C
±400
±350
±350
V
Impulse reset
Sources are 52.5 V O.C., 260 mA S.C. and
135 V O.C., 200 mA S.C.
on-state current 25 A, 10/1000 µs impulse
2EL2
2EL3
2EL4
-20°C to 65°C
-20°C to 65°C
-20°C to 65°C
20
20
20
ms
ID
Off-state current
VD = ±50 V (see Note 4)
VD = ±200 V
2EL2
2EL3
2EL4
2EL2
2EL3
2EL4
-40°C to 65°C
-20°C to 65°C
-40°C to 65°C
-40°C to 65°C
15°C to 25°C
0°C to 65°C
±0.5
±0.5
±0.5
±10
±1
±10
µA
Coff
Off-state capacitance
f= 1 MHz,
Vd = 1 Vrms, VD = 0,
2EL2
2EL3
2EL4
-40°C to 65°C
-20°C to 65°C
-40°C to 65°C
150
150
150
pF
NOTES: 3. Meets Bellcore GR-974-CORE Issue 1, November 1994 - Rated Voltage Test (4.7)
4. This device is sensitive to light. Suggest that this parameter be measured in a dark environment



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com