Electronic Components Datasheet Search
  English  ▼

X  

SB3003CH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB3003CH
Description  Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB3003CH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB3003CH Datasheet HTML 1Page - Sanyo Semicon Device SB3003CH Datasheet HTML 2Page - Sanyo Semicon Device SB3003CH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB3003CH
No.8964-1/3
Applications
•
High frequency rectification (switching regulators, converters, choppers).
Features
•
Small switching noise.
•
Low leakage current and high reliability due to highly reliable planar structure.
•
Ultrasmall package permitting applied sets to be small and slim (Mounting height 0.9mm).
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
30
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
35
V
Average Output Current
IO
3.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
20
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=0.5mA
30
V
Forward Voltage
VF1IF=2.0A
0.435
0.485
V
VF2IF=3.0A
0.47
0.52
V
Reverse Current
IR
VR=15V
42
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
90
pF
Reverse Recovery Time
trr
IF=IR=100mA, See specified Test Circuit.
20
ns
Thermal Resistance
Rth(j-a)
Mounted on a ceramic board (900mm2!0.8mm)
50
°C / W
Marking : SF
Ordering number : EN8964
72606 / 32406SB MS IM TB-00002131
SB3003CH
Low IR Schottky Barrier Diode
30V, 3.0A Rectifier
SANYO Semiconductors
DATA SHEET
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - SB3003CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB3003CH ONSEMI-SB3003CH Datasheet
766Kb / 4P
Schottky Barrier Diode
October 2014 - Rev. 1
SB3003CH-TL-E ONSEMI-SB3003CH-TL-E Datasheet
766Kb / 4P
Schottky Barrier Diode
October 2014 - Rev. 1
SB3003CH-TL-W ONSEMI-SB3003CH-TL-W Datasheet
766Kb / 4P
Schottky Barrier Diode
October 2014 - Rev. 1
More results

Similar Description - SB3003CH

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MS862C08 FUJI-MS862C08 Datasheet
590Kb / 5P
Low IR Schottky Barrier Diode
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
Low IR Schottky Barrier Diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
Low IR Schottky barrier diode
TS865C06R FUJI-TS865C06R Datasheet
132Kb / 3P
Low IR Schottky barrier diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
YA862C06R FUJI-YA862C06R Datasheet
127Kb / 3P
Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
Low IR Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com