Electronic Components Datasheet Search
  English  ▼

X  

SB3003CH Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SB3003CH
Description  Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB3003CH Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SB3003CH Datasheet HTML 1Page - Sanyo Semicon Device SB3003CH Datasheet HTML 2Page - Sanyo Semicon Device SB3003CH Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB3003CH
No.8964-2/3
Package Dimensions
Electrical Connection
unit : mm
7018-012
trr Test Cicuit
0
0.00E+00
1.00E--04
2.00E--04
3.00E--04
10
5
4.00E--04
5.00E--05
1.50E--04
2.50E--04
3.50E--04
20
15
30
25
35
IT10631
(1)
(2)
(3)
(4)
Forward Voltage, VF -- V
IF -- VF
Reverse Voltage, VR -- V
IR -- VR
Average Output Current, IO -- A
PF(AV) -- IO
0
0.2
0.3
0.1
0.4
0.5
0.7
0.6
2
5
7
3
2
0.1
2
5
7
3
1.0
5
7
3
10
0.01
IT09868
IT09869
0
0.001
0.01
0.1
1.0
10
10000
100
1000
510
15
20
25
30
35
Ta=125°C
100°C
75°C
50°C
25°C
0
°C
--25°C
(2)
(3)
(1)
0
0
0.5
2.0
1.6
1.8
1.4
0.2
0.4
0.6
0.8
1.0
1.2
3.5
2.0
2.5
3.0
1.5
1.0
IT09870
(4)
(1)Rectangular wave
θ=60°
(2)Rectangular wave
θ=120°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
θ
360
°
Rectangular
wave
180
°
360
°
Sine wave
PR(AV) -- VR
Peak Reverse Voltage, VR -- V
(1)Rectangular wave
θ=300°
(2)Rectangular wave
θ=240°
(3)Rectangular wave
θ=180°
(4)Sine wave
θ=180°
Rectangular
wave
Sine wave
θ
360
°
VR
180
°
360
°
VR
2.9
0.95
0.05
13
4
65
2
0.4
0.15
1 : Cathode
2 : Cathode
3 : No contact
4 : Anode
5 : Cathode
6 : Cathode
SANYO : CPH6
1 : Cathode
2 : Cathode
3 : No Contact
4 : Anode
5 : Cathode
6 : Cathode
Top view
2
65
4
13
Duty
≤10%
50
Ω
100
Ω
10
Ω
--5V
trr
10
µs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com