Electronic Components Datasheet Search
  English  ▼

X  

TPW65R044MFD Datasheet(PDF) 4 Page - Wuxi Unigroup Microelectronics Company

Part # TPW65R044MFD
Description  650V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW65R044MFD Datasheet(HTML) 4 Page - Wuxi Unigroup Microelectronics Company

  TPW65R044MFD Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW65R044MFD Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TPW65R044MFD
Wuxi Unigroup Microelectronics Co.,Ltd
V1.0
www.tsinghuaicwx.com
0
2
4
6
8
10
12
0
50
100
150
200
0
100
200
300
400
500
600
0.02
0.03
0.04
0.05
0.06
0
10
20
30
40
50
60
0
0.5
1
1.5
2
0
50
100
150
200
250
300
0
2
4
6
8
10
0
50
100
150
200
250
300
0
5
10
15
20
4
Typical Characteristics T
J = 25º
C, unless otherwise noted
104
102
101
102
101
100
10-1
Figure 1. Output Characteristics
Figure 3. On-Resistance vs. Drain Current
Figure 5. Gate Charge
V
DS, Drain-to-Source Voltage (V)
I
D, Drain Current (A)
Q
g, Total Gate Charge (nC)
C
iss
C
oss
C
rss
T
J = 125º
C
V
DD = 120V
T
J = 25º
C
V
GS = 0
f = 1MHz
V
DD = 520V
T
J = 25º
C
T
J = 150º
C
V
GS, Gate-to-Source Voltage (V)
Figure 2. Transfer Characteristics
V
DS = 20V
Figure 4. Capacitance
V
GS = 10V
T
J = 25º
C
V
DS, Drain-to-Source Voltage (V)
Figure 6. Body Diode Forward Voltage
103
V
SD, Source-to-Drain Voltage (V)
20V
10V
8V
7V
6V
5.5V
5V
105



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com