Electronic Components Datasheet Search
  English  ▼

X  

MTLTCABLE Datasheet(PDF) 1 Page - Aceinna Inc.

Part # MTLTCABLE
Description  Triple-Redundant 1.3 /h Dynamic Tilt Sensor with CAN Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MTLTCABLE Datasheet(HTML) 1 Page - Aceinna Inc.

  MTLTCABLE Datasheet HTML 1Page - Aceinna Inc. MTLTCABLE Datasheet HTML 2Page - Aceinna Inc. MTLTCABLE Datasheet HTML 3Page - Aceinna Inc. MTLTCABLE Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MTLT335D
Triple-Redundant 1.3/h Dynamic Tilt Sensor with CAN Output
The ACEINNA MTLT335 is an easy-to-use high-performance 6-DOF IMU packaged in a rugged sealed over-molded plastic
housing. The MTLT335 includes triple-redundant 3-Axis MEMS accelerometers and rate gyros, which are fully calibrated
over the full operating temperature range. The processing power is provided by a 168MHz ARM M4 CPU with a Floating
Point Unit. An internal Kalman Filter provides gyro-compensated and corrected pitch and roll outputs with Excavator and
General Purpose modes. Excavator mode uses rotation as primary indicator for motion detection and general purpose
mode uses linear acceleration for motion detection. The MTLT335 has been developed in accordance with the ISO13849
Machine Safety standard, and fulfills the requirements of category 2 as specified in DIN EN ISO 13849-1:2016. It can be
used in safety functions up to Performance Level d as specified in DIN EN ISO 13849-1:2016.


Similar Part No. - MTLTCABLE

ManufacturerPart #DatasheetDescription
logo
Aceinna Inc.
MTLTCABLE ACEINNA-MTLTCABLE Datasheet
1Mb / 4P
4 /h IMU and Dynamic Tilt Sensor with CAN Output
More results

Similar Description - MTLTCABLE

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG-302 KODENSHI-SG-302 Datasheet
194Kb / 2P
Tilt Sensor
logo
Sharp Corporation
GP2TD02 SHARP-GP2TD02 Datasheet
87Kb / 3P
TILT SENSOR
GP1S36J0000F SHARP-GP1S36J0000F Datasheet
145Kb / 11P
Phototransistor Output, Phototransistor Output, with Tilt Direction (3-direction) Detecting
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
1.3 Megapixel CMOS Sensor
logo
Omron Electronics LLC
D6BN OMRON-D6BN Datasheet
1Mb / 6P
Micro Tilt Sensor
logo
American Electronic Com...
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
logo
SignalQuest, Inc.
SQ-SEN-200 SIGNALQUEST-SQ-SEN-200 Datasheet
813Kb / 6P
NANO-POWER TILT AND VIBRATION SENSOR
SQ-SEN-6XX SIGNALQUEST-SQ-SEN-6XX Datasheet
677Kb / 8P
ON/OFF TILT SENSOR
SQ-SEN-390 SIGNALQUEST-SQ-SEN-390 Datasheet
523Kb / 6P
ON/OFF TILT SENSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com