Electronic Components Datasheet Search
  English  ▼

X  

MTLTCABLE Datasheet(PDF) 2 Page - Aceinna Inc.

Part # MTLTCABLE
Description  Triple-Redundant 1.3 /h Dynamic Tilt Sensor with CAN Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACEINNA [Aceinna Inc.]
Direct Link  https://www.aceinna.com/
Logo ACEINNA - Aceinna Inc.

MTLTCABLE Datasheet(HTML) 2 Page - Aceinna Inc.

  MTLTCABLE Datasheet HTML 1Page - Aceinna Inc. MTLTCABLE Datasheet HTML 2Page - Aceinna Inc. MTLTCABLE Datasheet HTML 3Page - Aceinna Inc. MTLTCABLE Datasheet HTML 4Page - Aceinna Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
i n f o @ a c e i n n a . c o m
w w w . a c e i n n a . c o m
Document: 6020-3327-01_D
The ACEINNA MTLT335D is designed for use in 12 V and 24 V vehicle
platforms. The sealed packaging meets the challenging performance,
reliability and cost requirements of the automotive, construction and
agriculture vehicle markets. Advanced features allow the axes to be re-
assigned by the user to accommodate any mounting orientation. A user
accessible rotation matrix is available to adjust for mounting errors.
MTLT335D can consume and use Wheel Speed CAN messages
available on the CAN bus to further improve accuracy. Supports user
lever arm input.
Features
6DOF IMU and Dynamic Inclination
0.1 accuracy over temperature and angle
Triple redundant sensors with fault detection
• Precision 3-axis MEMS Accelerometers
• Low-Drift 3-axis MEMS angular rate sensors
CAN 2.0 J1939 and RS232 Interfaces
Built in EKF algorithm providing pitch and roll
• Excavator Mode
• General Purpose mode
E2E Protection (J1939-76)
CAN Aiding Signal Support (Wheel Speed Sensor)
Wide Temp Range, -40 C to +85 C
Wide Supply Voltage Range, 9 V – 32 V
Ampseal 16 6P Connector
Fulfills ISO 13849-1:2016
• DC = 80%
• MTTFd > 500 years
Field Upgradable
1PPS in (CAN Only)
Applications
Autonomous Vehicles
Construction Vehicles
- Boom, Bucket and Cab Attitude
Agriculture Vehicles and Implements
Forklifts
Self-Driving Taxis / Delivery Vehicles
Robotics Control / Feedback
Antenna / Camera Gimballing and Stabilization
This product has been developed exclusively for commercial applications. It has not been tested for, and makes no representation
or warranty as to conformance with, any military specifications or its suitability for any military application or end-use. Additionally,
any use of this product for nuclear, chemical or biological weapons, or weapons research, or for any use in missiles, rockets, and/or
UAV’s of 300km or greater range, or any other activity prohibited by the Export Administration Regulations, is expressly prohibited
without the written consent and without obtaining appropriate US export license(s) when required by US law. Diversion contrary to
U.S. law is prohibited. Specifications are subject to change without notice.
MTLT335D
Triple-Redundant 1.3/h Dynamic Tilt Sensor with CAN Output



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com