Electronic Components Datasheet Search
  English  ▼

X  

TF218THC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TF218THC
Description  N-channel Silicon Junction FET Electret Condenser Microphone Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF218THC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TF218THC Datasheet HTML 1Page - Sanyo Semicon Device TF218THC Datasheet HTML 2Page - Sanyo Semicon Device TF218THC Datasheet HTML 3Page - Sanyo Semicon Device TF218THC Datasheet HTML 4Page - Sanyo Semicon Device TF218THC Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TF218THC
No. A0890-1/5
SANYO Semiconductors
DATA SHEET
Features
•
Ultrasmall package facilitates miniaturization in end products.
•
Especially suited for use in electret condenser microphone for audio equipments and telephones.
•
Excellent voltage characteristics.
•
Excellent transient characteristics.
•
Adoption of FBET process.
•
Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Gate-to-Drain Voltage
VGDO
--20
V
Gate Current
IG
10
mA
Drain Current
ID
1mA
Allowable Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Marking: A
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0890
82907GB TI IM TC-00000868
TF218THC
N-channel Silicon Junction FET
Electret Condenser Microphone
Applications
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - TF218THC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF218 SANYO-TF218 Datasheet
30Kb / 4P
Capacitor Microphone Applications
logo
Unisonic Technologies
TF218 UTC-TF218 Datasheet
132Kb / 3P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
TF218G-X-AN3-R UTC-TF218G-X-AN3-R Datasheet
182Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
TF218G-X-AQ3-R UTC-TF218G-X-AQ3-R Datasheet
182Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
TF218 UTC-TF218_15 Datasheet
182Kb / 4P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - TF218THC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS788 SANYO-TS788 Datasheet
9Kb / 1P
N- channel Junction FET Electret Condenser Microphone
TF222 SANYO-TF222 Datasheet
29Kb / 4P
N-channel Junction FET Electret Condenser Microphone Applications
EC3A01H SANYO-EC3A01H Datasheet
38Kb / 5P
N-Channel Silicon Junction FET - Electret Condenser Microphone Applications
TF202C SANYO-TF202C Datasheet
52Kb / 5P
N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF246 SANYO-TF246 Datasheet
58Kb / 4P
N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF250TH SANYO-TF250TH Datasheet
38Kb / 4P
N-channel Silicon Junction FET Electret Condenser Microphone
TF252 SANYO-TF252 Datasheet
53Kb / 4P
N-channel Silicon Junction FET Electret Condenser Microphone
TF252C SANYO-TF252C Datasheet
49Kb / 4P
N-channel Silicon Junction FET Electret Condenser Microphone Applications
TF252TH SANYO-TF252TH Datasheet
50Kb / 4P
N-channel Silicon Junction FET Electret Condenser Microphone
TF202THC SANYO-TF202THC Datasheet
305Kb / 5P
N-channel Silicon Juncton FET Electret Condenser Microphone Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com