Electronic Components Datasheet Search
  English  ▼

X  

TF218THC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TF218THC
Description  N-channel Silicon Junction FET Electret Condenser Microphone Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF218THC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TF218THC Datasheet HTML 1Page - Sanyo Semicon Device TF218THC Datasheet HTML 2Page - Sanyo Semicon Device TF218THC Datasheet HTML 3Page - Sanyo Semicon Device TF218THC Datasheet HTML 4Page - Sanyo Semicon Device TF218THC Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TF218THC
No. A0890-2/5
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gate-to-Drain Breakdown Voltage
V(BR)GDO
IG=--100µA--20
V
Cutoff Voltage
VGS(off)
VDS=5V, ID=1µA--0.2
--0.6
--1.0
V
Drain Current
IDSS
VDS=5V, VGS=0V
140*
350*
µA
Forward Transfer Admittance
yfs
VDS=5V, VGS=0V, f=1kHz
0.5
1.0
mS
Input Capacitance
Ciss
VDS=5V, VGS=0V, f=1MHz
3.5
pF
Reverse Transfer Capacitance
Crss
VDS=5V, VGS=0V, f=1MHz
0.65
pF
[Ta=25°C, VCC=4.5V, RL=1kΩ, Cin=15pF, See specified Test Circuit.]
Voltage Gain
GV
VIN=10mV, f=1kHz
--3.0
dB
Reduced Voltage Characteristic
∆GVV
VIN=10mV, f=1kHz, VCC=4.5→1.5V
--1.2
--3.5
dB
Frequency Characteristic
∆Gvf
f=1kHz to 110Hz
--1.0
dB
Input Impedance
ZIN
f=1kHz
25
MΩ
Output Impedance
ZO
f=1kHz
1000
Ω
Total Harmonic Distortion
THD
VIN=30mV, f=1kHz
1.2
%
Output Noise Voltage
VNO
VIN=0V, A curve
--110
dB
* : The TF218THC is classified by IDSS as follows : (unit : µA)
Rank
4
5
IDSS
140 to 240
210 to 350
Package Dimensions
Test Circuit
unit : mm (typ)
7031-001
OSC
15pF
+
33µF
Voltage gain
Frequency Characteristic
Distortion
Reduced Voltage Characteristic
Output Impedance
1kΩ
VCC=4.5V
VCC=1.5V
V
A
B
VTVM
THD
Top View
Bottom View
0.45
1.4
1
2
3
0.25
0.2
0.1
1 : Drain
2 : Source
3 : Gate
SANYO : VTFP
01
89
10
23
45
67
500
400
300
200
100
0
ID -- VDS
IT02310
--0.1V
--0.2V
--0.4V
--0.5V
--0.3V
01
23
45
500
400
300
200
100
0
ID -- VDS
IT03015
VGS=0V
--0.1V
--0.2V
--0.4V
--0.5V
--0.3V
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
450
350
250
50
150
450
350
250
50
150
VGS=0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com