Electronic Components Datasheet Search
  English  ▼

X  

PM66 Datasheet(PDF) 1 Page - Protek Devices

Part # PM66
Description  51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PM66 Datasheet(HTML) 1 Page - Protek Devices

  PM66 Datasheet HTML 1Page - Protek Devices PM66 Datasheet HTML 2Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PROTEK
51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
DESCRIPT ION
The PM66 series of compact, open PCB constructed,
AC-DC switching power supplies are capable of delivering
51 to 65 watts of continuous power. They operate at 90 to
264VAC input voltage without the need of voltage
selection. They are ideally suited for use in medical
equipment not for life support. All models meet the safety
requirements of UL, CSA and IEC.
FE AT URES
•
R ecogniz e d o r ce rt i f ied b y U L,C S A and TÜ V
•
Sma ll s ize
•
100 % burn - i n
•
W i de input range 90 t o 26 4VAC
•
Input surg e cur r en t prot e c t i on
•
Over vol tage pro t e c ti on
•
Over curr ent p r ot ec ti on
•
C o mplia nt w i t h R o H S r e q u ir e m e n ts
INPUT SPECIFICATIONS
Input voltage:
90 t o 2 64VA C
Input f r equen c y:
4 7 to 6 3 Hz
Input curr ent:
1. 60A ( rm s ) fo r 11 5 VAC
1. 00A ( rm s ) f or 23 0VA C
E a rth l e aka ge cu rren t: 90 uA m a x. @ 115VA C , 6 0 H z
Safety Standard Approvals:
OUTPUT SPECIFICATIONS
Output voltage/current: See rating chart
Total output power:
65 watts maximum
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection: Provided on output; set at
112 - 132﹪ of its nominal
output voltage
Overcurrent protection: The output protected to short
circuit conditions
Temperature coefficient: All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪
or better on all models,
recovering to 1﹪ of final value
within 500us after a 25﹪
step load change
ENVIRONM ENTAL SPECIF IC AT IO NS
Opera t i ng t e m p era t ur e: 0t o + 7 0
℃℃
St orage tem p e r a t ure : -40
t o + 8 5
℃℃
R e l a t i v e humidi t y:
5 ﹪ to 9 5 ﹪ n o n- c o n d en s i n g
Derating:
Derate from 100﹪at +50℃
linearly to 50﹪at +70℃
GENERAL SPECIFICATIONS
Switching frequency: 42KHz ±5KHz
Efficiency:
75﹪minimum on models with
Vo
12V, 66% minimum on the others
≧
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪maximum at full load
Inrush current:
17 amps @ 115VAC or 40 amps
@230VAC, at 25
cold start
℃
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load
at 25℃ ambient , calculated per
MIL-HDBK-217F
EMC Performance (EN60601-1-2: 2001)
EN55011:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m for
80~2500MHz
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff., ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11:
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
2-
11
UL 2601-1, CSA C22.2 NO. 601.1
File No. E178020
TÜV EN60601-1
PM66 SERIES
(LV D)
150 uA m a x. @ 230VA C , 50 Hz
RoHS


Similar Part No. - PM66

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM66 POWERBOX-PM66 Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM66-10A POWERBOX-PM66-10A Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM66-12A POWERBOX-PM66-12A Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM66-13-1A POWERBOX-PM66-13-1A Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
PM66-13A POWERBOX-PM66-13A Datasheet
622Kb / 2P
51-65 WATTS SINGLE OUTPUT AC/DC MEDICAL
More results

Similar Description - PM66

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
Medical Grade 40 Watt Enclosed Switching Power Supplies
MMK75S ASTRODYNE-MMK75S Datasheet
748Kb / 3P
Medical Grade 75 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
65 WATT MEDICAL POWER SUPPLIES
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU65 RSG-PU65 Datasheet
169Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
65 WATT SWITCHING POWER SUPPLIES
PU65 RSG-PU65_14 Datasheet
116Kb / 2P
50-65 WATT SWITCHING POWER SUPPLIES
logo
Wall Industries,Inc.
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
40 Watt Medical AC - DC Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com