Electronic Components Datasheet Search
  English  ▼

X  

PM66 Datasheet(PDF) 2 Page - Protek Devices

Part # PM66
Description  51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PM66 Datasheet(HTML) 2 Page - Protek Devices

  PM66 Datasheet HTML 1Page - Protek Devices PM66 Datasheet HTML 2Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PM66 MEDICAL SERIES
Maximum
Output #1
Output #2
Output #3
Output
MODEL
Vnom. Imin. Imax. Tol.
Vnom. Imin. Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
PM66-10A
5.1V
0A
10A
3%
(N/A)
(N/A)
51W
PM66-12A
12V
0A
5.5A
2%
(N/A)
(N/A)
65W
PM66-13A
15V
0A
4.4A
2%
(N/A)
(N/A)
65W
PM66-13-1A
18V
0A
3.7A
2%
(N/A)
(N/A)
65W
PM66-14A
24V
0A
2.8A
2%
(N/A)
(N/A)
65W
PM66-15A
28V
0A
2.4A
2%
(N/A)
(N/A)
65W
NOTE:
Ripple and noise: Peak-to peak with 20MHz bandwidth and 10uF tantalum capacitor in parallel with a 0.1uF
ceramic capacitor at rated line voltage and load ranges.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2878 series crimp
terminal.
4.
Output connector mates with Molex housing
09-50-3061 and Molex 2878 series crimp
terminal.
5.
P4 is for ±sense connections and mates with
Molex housing 22-01-1023 and Molex 40445
series crimp terminal.
6.
Weight: 330 grams (PCB format)
7.
VR1 is for output voltage adjustment.
P1
P2
P3
P4
1
3
1
1
2
3
4
5
6
1
2
PM66-10A
PM66-13A
PM66-14A
PM66-12A
PM66-13-1A
PM66-15A
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
RETURN RETURN RETURN +SENSE -SENSE
2-
12
MODEL
PIN
CONN
OUTPUT VOLTAGE/ CURRENT RATING CHART
PIN CHART



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com