Electronic Components Datasheet Search
  English  ▼

X  

TND314S Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # TND314S
Description  ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND314S Datasheet(HTML) 2 Page - Sanyo Semicon Device

  TND314S Datasheet HTML 1Page - Sanyo Semicon Device TND314S Datasheet HTML 2Page - Sanyo Semicon Device TND314S Datasheet HTML 3Page - Sanyo Semicon Device TND314S Datasheet HTML 4Page - Sanyo Semicon Device TND314S Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TND314S
No. A0420-2/5
Electrical Characteristics (DC Characteristics) at Ta=25°C, VDD=4.5 to 25V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Logic “1” Input Voltage
VIH
2.6
V
Logic “0” Input Voltage
VIL
0.8
V
Logic “1” Input Bias Current
IIN+VIN=VDD=25V
40
100
µA
Logic “0” Input Bias Current
IIN--
VIN=0V or VDD
--1
1
µA
High Level Output Voltage
VOH
IO=0A
VDD--0.1
V
Low Level Output Voltage
VOL
IO=0A
0.1
V
VDD Supply Current
Isupp
VDD=10V, VIN=3V, (both inputs)
1.0
4.5
mA
VDD=10V, VIN=0V, (both inputs)
0.2
mA
Output High Short Circuit Pulse Current
IO+VDD=18V, PW≤10µs, VOUT=0V
1.0
A
Output Low Short Circuit Pulse Current
IO--
VDD=18V, PW≤10µs, VOUT=18V
1.0
A
Output On Resistance
ROUT
VDD=18V, Iload=10mA, VOUT=“H”
8
12
Ω
VDD=18V, Iload=10mA, VOUT=“L”
6
10
Ω
Package Dimensions
unit : mm (typ)
7005-007
Block Diagram
14
5
8
5.0
0.595
1.27
0.2
0.43
1 : NC
2 : IN A
3 : GND
4 : IN B
5 : OUT B
6 : VDD
7 : OUT A
8 : NC
SANYO : SOP8
VDD
IN
OUT
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com