Electronic Components Datasheet Search
  English  ▼

X  

TND314S Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # TND314S
Description  ExPD (Excellent Power Device) General Purpose Driver for PDP Sustain Pulse Drive, Motor Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TND314S Datasheet(HTML) 4 Page - Sanyo Semicon Device

  TND314S Datasheet HTML 1Page - Sanyo Semicon Device TND314S Datasheet HTML 2Page - Sanyo Semicon Device TND314S Datasheet HTML 3Page - Sanyo Semicon Device TND314S Datasheet HTML 4Page - Sanyo Semicon Device TND314S Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TND314S
No. A0420-4/5
0.4
0.6
0.8
1.0
1.2
1.4
--50
0
50
100
150
IT05647
VDD=18V
0.4
0.6
0.8
1.0
1.2
1.4
--50
0
50
100
150
IT05646
VDD=18V
IO(+) -- Tc
IO(--) -- Tc
Case Temperature, Tc --
°C
Case Temperature, Tc --
°C
0
10
20
30
40
50
60
05
10
15
20
25
30
10
20
30
40
50
60
70
80
90
100
--50
0
50
100
150
0
10
15
20
25
30
35
40
45
50
--50
0
50
100
150
IT05642
IT05643
VDD=18V
VIN=5V
CL=1000pF
VIN=5V
CL=1000pF
IT05644
VDD=18V
VIN=5V
CL=1000pF
tD1 -- Tc
tD1 -- VDD
tD2 -- Tc
IO(±) -- VDD
Case Temperature, Tc --
°C
Supply Voltage, VDD -- V
Case Temperature, Tc --
°C
Supply Voltage, VDD -- V
0
020
40
60
80
100
120
140
160
0
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
IT03760
PD -- Ta
Ambient Temperature, Ta --
°C
0
0.5
1.0
1.5
2.5
2.0
05
10
15
20
25
30
IT11084
VIN=5V
CL=10µF
tD2 -- VDD
Supply Voltage, VDD -- V
0
20
40
60
80
100
120
160
140
05
10
15
20
25
30
IT08459
VIN=5V
CL=1000pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com