Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240F
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240F Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T240F Datasheet HTML 1Page - Texas Instruments PTH08T240F Datasheet HTML 2Page - Texas Instruments PTH08T240F Datasheet HTML 3Page - Texas Instruments PTH08T240F Datasheet HTML 4Page - Texas Instruments PTH08T240F Datasheet HTML 5Page - Texas Instruments PTH08T240F Datasheet HTML 6Page - Texas Instruments PTH08T240F Datasheet HTML 7Page - Texas Instruments PTH08T240F Datasheet HTML 8Page - Texas Instruments PTH08T240F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
1000
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
330
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH08T240F
5
9
+
8
VI
Track
GND
TT
4
3
GND
GND
+Sense
6
L
O
A
D
−Sense
GND
+
Inhibit
INH/UVLO
Track
10
7
−Sense
+Sense
SYNC
1
SmartSync
2
11
CI2
22
µF
(Optional)
PTH08T240F
SLTS277 – DECEMBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com