Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240F Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240F
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240F Datasheet(HTML) 3 Page - Texas Instruments

  PTH08T240F Datasheet HTML 1Page - Texas Instruments PTH08T240F Datasheet HTML 2Page - Texas Instruments PTH08T240F Datasheet HTML 3Page - Texas Instruments PTH08T240F Datasheet HTML 4Page - Texas Instruments PTH08T240F Datasheet HTML 5Page - Texas Instruments PTH08T240F Datasheet HTML 6Page - Texas Instruments PTH08T240F Datasheet HTML 7Page - Texas Instruments PTH08T240F Datasheet HTML 8Page - Texas Instruments PTH08T240F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T240F
SLTS277 – DECEMBER 2006
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE
4
TERMINAL FUNCTIONS
6
TYPICAL CHARACTERISTICS (VI = 12V)
7
TYPICAL CHARACTERISTICS (VI = 5V)
8
ADJUSTING THE OUTPUT VOLTAGE
9
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
11
TURBOTRANS™ INFORMATION
15
UNDERVOLTAGE LOCKOUT (UVLO)
20
SOFT-START POWER-UP
21
OUTPUT INHIBIT
22
OVER-CURRENT PROTECTION
23
OVER-TEMPERATURE PROTECTION
23
REMOTE SENSE
23
SYCHRONIZATION (SMARTSYNC)
24
AUTO-TRACK SEQUENCING
25
PREBIAS START-UP
28
TAPE & REEL AND TRAY DRAWINGS
30
(Voltages are with respect to GND)
UNIT
VTrack
Track pin voltage
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
suffix AH
235
Surface temperature of module body or
Twave
Wave soldering temperature
pins for 5 seconds maximum.
suffix AD
260
°C
suffix AS
235(1)
Surface temperature of module body or
Treflow
Solder reflow temperature
pins
suffix AZ
260(1)
Tstg
Storage temperature
–40 to 125(2)
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1
suffix AH & AD
500
msec, 1/2 sine, mounted
suffix AS & AZ
250
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
15
Weight
5
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
(2)
The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65°C.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com